Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS5618 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS5618
Descripción Electrónicos  SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS5618 Datasheet(HTML) 4 Page - Texas Instruments

  TPS5618 Datasheet HTML 1Page - Texas Instruments TPS5618 Datasheet HTML 2Page - Texas Instruments TPS5618 Datasheet HTML 3Page - Texas Instruments TPS5618 Datasheet HTML 4Page - Texas Instruments TPS5618 Datasheet HTML 5Page - Texas Instruments TPS5618 Datasheet HTML 6Page - Texas Instruments TPS5618 Datasheet HTML 7Page - Texas Instruments TPS5618 Datasheet HTML 8Page - Texas Instruments TPS5618 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TPS5615, TPS5618, TPS5625, TPS5633
SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
SLVS177B – SEPTEMBER 1998 – REVISED JULY 2000
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed description
Vref
The reference voltage section consists of a temperature-compensated bandgap reference and a resistive
divider that sets the output voltage option. The output voltage, VREF, is within 1% of the nominal setting over
the full junction temperature range of 0
°C to 125°C, and a VCC supply voltage range of 11.4 V to 12.6 V. The
output of the reference network is indirectly brought out through a buffer to the VREFB pin. The voltage on this
pin will be within 2% of VREF. It is not recommended to drive loads with VREFB, other than setting the hysteresis
of the hysteretic comparator, because the current drawn from VREFB sets the charging current for the slowstart
capacitor. Refer to the
slowstart section for additional information.
hysteretic comparator
The hysteretic comparator regulates the output voltage of the synchronous-buck converter. The hysteresis is
set by 2 external resistors and is centered on VREF. The 2 external resistors form a resistor divider from VREFB
to ANAGND, with the output voltage connecting to the VHYST pin. The hysteresis of the propagation delay from
the comparator inputs to the driver outputs is 250 ns (maximum). The maximum hysteresis setting is 60 mV.
R1
+
R2
V
H
2
VREFB–V
H
Where
VH = desired hysteresis voltage
IO(MAX) = 0.5 µA
VHYST
TPS56xx
VREFB
R1
R2
+ 2
VREFB
* V
H
Figure 1. Setting the Hysteresis Voltage
low-side driver
The low-side driver is designed to drive low-Rds(on) n-channel MOSFETs. The current rating of the driver is 2
A, source or sink. The bias to the low-side driver is internally connected to the DRV regulator.
high-side driver
The high-side driver is designed to drive low-Rds(on) n-channel MOSFETs. The current rating of the driver is 2
A, source or sink. The high-side driver can be configured either as a ground-referenced driver or as a floating
bootstrap driver. When configured as a floating driver, the bias voltage to the driver is developed from the DRV
regulator. The internal bootstrap diode, connected between the DRV and BOOT pins, is a Schottky for improved
drive efficiency. The maximum voltage that can be applied between BOOT and DRVGND is 30 V. The driver
can be referenced to ground by connecting BOOTLO to DRVGND, and connecting BOOT to either DRV or VCC.
deadtime control
Deadtime control prevents shoot-through current from flowing through the main power FETs during switching
transitions by actively controlling the turn-on times of the MOSFET drivers. The high-side driver is not allowed
to turn on until the gate-drive voltage to the low-side FET is below 2 V; the low-side driver is not allowed to turn
on until the voltage at the junction of the 2 FETs (Vphase) is below 2 V.


Número de pieza similar - TPS5618

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS5618 TI-TPS5618 Datasheet
387Kb / 25P
[Old version datasheet]   SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
TPS5618PWP TI-TPS5618PWP Datasheet
387Kb / 25P
[Old version datasheet]   SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
More results

Descripción similar - TPS5618

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS5615 TI-TPS5615 Datasheet
387Kb / 25P
[Old version datasheet]   SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3475 NSC-LM3475 Datasheet
305Kb / 14P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485MMX TI-LM3485MMX Datasheet
996Kb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475 Datasheet
1Mb / 25P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485MM TI-LM3485MM Datasheet
1Mb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com