Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2398DGKRG4 Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza TPS2398DGKRG4
Descripción Electrónicos  -48V HOT SWAP CONTROLLER FOR REDUNDANT SUPPLY SYSTEMS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS2398DGKRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2398DGKRG4 Datasheet HTML 4Page - Texas Instruments TPS2398DGKRG4 Datasheet HTML 5Page - Texas Instruments TPS2398DGKRG4 Datasheet HTML 6Page - Texas Instruments TPS2398DGKRG4 Datasheet HTML 7Page - Texas Instruments TPS2398DGKRG4 Datasheet HTML 8Page - Texas Instruments TPS2398DGKRG4 Datasheet HTML 9Page - Texas Instruments TPS2398DGKRG4 Datasheet HTML 10Page - Texas Instruments TPS2398DGKRG4 Datasheet HTML 11Page - Texas Instruments TPS2398DGKRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
TPS2398
TPS2399
SLUS562A − JUNE 2003 − REVISED SEPTEMBER 2003
8
www.ti.com
TYPICAL CHARACTERISTICS
Figure 9
RECOVERY FROM A FAULT − EXPANDED VIEW
(TPS2399)
ILOAD (1 A/div)
VDRAIN (20 V/div)
FLTTIME (2 V/div.)
CIRAMP = 3900 pF
CFLT = 0.047 µF
CLOAD = 100 µF
PG (50 V/div)
t − TIme − 1 ms/div
Figure 10
PG OUTPUT TIMING,
VOLTAGE QUALIFIED
CIRAMP = 3900 pF
CFLT = 0.1 µF
CLOAD = 150 µF
VIRAMP (2 V/div)
VDRAIN (20 V/div)
PG (50 V/div)
t − TIme − 1 ms/div
Figure 11
PG OUTPUT TIMING,
CURRENT QUALIFIED
t − TIme − 1 ms/div
CIRAMP = 0.01 µF
CFLT = 0.1 µF
CLOAD = 50 µF
VIRAMP (2 V/div)
VDRAIN (20 V/div)
PG (50 V/div)
VTH_PG
Figure 12
SUPPLY CURRENT
vs
AMBIENT TEMPERATURE
−40
−15
10
35
60
85
0
200
400
600
800
1000
1200
TA − Ambient Temperature − °C
VRTN = 48 V
VRTN = 36 V
VRTN = 80 V


Número de pieza similar - TPS2398DGKRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2398DGKRG4 TI1-TPS2398DGKRG4 Datasheet
993Kb / 28P
[Old version datasheet]   -48-V HOT SWAP CONTROLLER FOR REDUNDANT-SUPPLY SYSTEMS
More results

Descripción similar - TPS2398DGKRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2399DGKG4 TI1-TPS2399DGKG4 Datasheet
993Kb / 28P
[Old version datasheet]   -48-V HOT SWAP CONTROLLER FOR REDUNDANT-SUPPLY SYSTEMS
logo
ON Semiconductor
TPS2398 ONSEMI-TPS2398 Datasheet
363Kb / 15P
   -48 V Hot Swap Controller for Redundant Supply Systems
August, 2017 ??Rev. 0
logo
Microchip Technology
MCP18480 MICROCHIP-MCP18480 Datasheet
871Kb / 64P
   -48V Hot Swap Controller
2003
MCP18480 MICROCHIP-MCP18480_13 Datasheet
651Kb / 64P
   -48V Hot Swap Controller
10/26/12
logo
Linear Technology
LT4250L LINER-LT4250L_15 Datasheet
242Kb / 14P
   Negative 48V Hot Swap Controller
LT4250H LINER-LT4250H_15 Datasheet
242Kb / 14P
   Negative 48V Hot Swap Controller
LT4250L LINER-LT4250L Datasheet
230Kb / 12P
   Negative 48V Hot Swap Controller
logo
Axiomtek Co., Ltd.
AX6156LE AXIOMTEK-AX6156LE Datasheet
704Kb / 2P
   Hot-swap redundant power supply supported
logo
Technology Dynamics Inc...
NTDM-HS-12-250 TECHNOLOGY-NTDM-HS-12-250 Datasheet
185Kb / 2P
   N1 REDUNDANT HOT SWAP POWER SYSTEMS
NTDM-4HS-12-500 TECHNOLOGY-NTDM-4HS-12-500 Datasheet
180Kb / 2P
   N1 REDUNDANT HOT SWAP POWER SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com