Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2151IPWP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2151IPWP
Descripción Electrónicos  ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB HIGH-POWER PERIPHERAL POWER MANAGEMENT
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS2151IPWP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS2151IPWP Datasheet HTML 5Page - Texas Instruments TPS2151IPWP Datasheet HTML 6Page - Texas Instruments TPS2151IPWP Datasheet HTML 7Page - Texas Instruments TPS2151IPWP Datasheet HTML 8Page - Texas Instruments TPS2151IPWP Datasheet HTML 9Page - Texas Instruments TPS2151IPWP Datasheet HTML 10Page - Texas Instruments TPS2151IPWP Datasheet HTML 11Page - Texas Instruments TPS2151IPWP Datasheet HTML 12Page - Texas Instruments TPS2151IPWP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
TPS2140, TPS2141
TPS2150, TPS2151
SLVS399 – JANUARY 2002
9
www.ti.com
electrical characteristics over recommended operating junction temperature range,
VI(SW_IN)=3.3VforTPS2140/50,VI(SW_IN)=5VforTPS2141/51,VI(LDO_IN)=5V,alloutputsunloaded
(unless otherwise noted) (continued)
adjustable voltage regulator (Vset = 0.9 V to 3.3 V)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO(LDO_OUT)
Output voltage total tolerance
VI(LDO_IN) = Vset + 0.6 V to 5.5 V and
VI(LDO_IN)> 2.7 V, IO(LDO_OUT) = 5 mA to
250 mA
–4%
3%
VO(LDO_OUT)
Line regulation
VI(LDO_IN) = VO(LDO_OUT) + 0.6 V to 5.5 V and
VI(LDO_IN)> 2.7 V, IO(LDO_OUT) = 5 mA
0.03
0.1
%/V
VO(LDO_OUT)
Load regulation
VI(LDO_IN)=VO(LDO_OUT) + 0.6 V to 5.5 V and
VI(LDO_IN)> 2.7 V, IO(LDO_OUT) = 5 mA to
250 mA ( a percentage of Vset)
0.6%
1.3%
VSET
Regulated output voltage set
range
VI(LDO_IN) ≥ VO(LDO_OUT) + 0.6 V
VI(LDO_IN) ≥ 2.7 V, IO(LDO_OUT) = 0 mA to
250 mA
0.9
3.3
V
Vref
ADJ reference voltage
0.8
V
VDROP
Drop-out voltage
VI(LDO_IN) – VSET = –0.1 V,
IO(LDO_OUT) = 250 mA
0.18
0.5
V
PSRR
Power supply rejection ratio,
20 log(Vac/Vo)
Vac = 1 kHz sine wave, 100 mVpp
superimposed on LDO_IN, CL = 4.7 µF,
ESR = 0.25
Ω, IO = 5 mA
50
dB
LDO current limit
Short circuit peak current
LDO_OUT is enabled into a
short to ground
TJ = –40°C
to 110
°C
0.7
2
A
LDO current limit
Overload or short circuit dc
current limit
LDO_OUT is over-loaded or en-
abled into a short to ground
TJ = –40°C
to 110
°C
250
325
500
mA
LDO forward leakage
current ILK_LDO
Current into pin LDO_OUT
VO(LDO_OUT) = 0 V, VI(LDO_IN) = 5.5 V,
VI(EN_LDO) = 0 V
10
A
LDO reverse leakage
current IRLK_LDO
Current into pin LDO_OUT
VO(LDO_OUT) = 5.5 V, VI(LDO_IN) = 0 V,
VI(EN_LDO) = 0 V
10
µA
tON_LDO
Turnon time
From 50% VI(EN_LDO) to 90% VO(LDO_OUT),
RL = VO(LDO_OUT)/0.2, CL = 10 µF (20%)
0.1
0.35
1
tOFF_LDO
Turnoff time
From 50% VI(EN_LDO) to 10% VO(LDO_OUT),
RL = VO(LDO_OUT)/0.2, CL = 10 µF (20%)
0.1
0.4
1
ms
VO(LDO_OUT) ramp-up time (0%
to 90%)
VI(EN_LDO) = 5V, VI(LDO_IN) ramping up from
10% to 90% in 0.1 ms, RL = VO(LDO_OUT)/0.2,
CL = 10 µF (20%)
0.1
0.65
1
ms
LDO pulldown transistor current
VI(PLDN_LDO) = 3.3 V
9
15
mA
LDO pulldown transistor current
VI(LDO_PLDN) = 1 V
5
mA
‡ Not tested in production.
undervoltage lockout, LDO_IN
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LDO UVLO rising threshold
2.7
V
LDO UVLO falling threshold
2.25
2.45
V
UVLO hysteresis‡
250
mV
‡ Not tested in production.


Número de pieza similar - TPS2151IPWP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2151IPWP TI1-TPS2151IPWP Datasheet
1Mb / 33P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
TPS2151IPWPG4 TI1-TPS2151IPWPG4 Datasheet
1Mb / 33P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
TPS2151IPWPR TI1-TPS2151IPWPR Datasheet
1Mb / 33P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
TPS2151IPWPRG4 TI1-TPS2151IPWPRG4 Datasheet
1Mb / 33P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
More results

Descripción similar - TPS2151IPWP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2140 TI1-TPS2140_16 Datasheet
1Mb / 33P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
TPS2148 TI-TPS2148 Datasheet
251Kb / 18P
[Old version datasheet]   3.3-V LDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
TPS2158 TI-TPS2158 Datasheet
274Kb / 19P
[Old version datasheet]   3.3-V LDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
TPS2148 TI1-TPS2148_14 Datasheet
444Kb / 22P
[Old version datasheet]   3.3-V LDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
logo
Richtek Technology Corp...
RT2528 RICHTEK-RT2528 Datasheet
171Kb / 12P
   Power Switch with Adjustable Current Limit
RT9728B RICHTEK-RT9728B Datasheet
227Kb / 14P
   Power Switch with Adjustable Current Limit
logo
ON Semiconductor
NCV47821 ONSEMI-NCV47821_17 Datasheet
181Kb / 15P
   Adjustable Dual LDO with Adjustable Current Limit and Diagnostic Features
January, 2017 ??Rev. 2
NCV47721 ONSEMI-NCV47721 Datasheet
152Kb / 16P
   Adjustable LDO with Adjustable Current Limit
April, 2017 ??Rev. 1
logo
California Micro Device...
CMPWR160 CALMIRCO-CMPWR160 Datasheet
124Kb / 10P
   USB peripheral Power Management
logo
ON Semiconductor
NCV47710 ONSEMI-NCV47710_17 Datasheet
129Kb / 12P
   Adjustable LDO Adjustable Current Limit
July, 2017 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com