Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54900PWR Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza TPS54900PWR
Descripción Electrónicos  PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS54900PWR Datasheet(HTML) 1 Page - Texas Instruments

  TPS54900PWR Datasheet HTML 1Page - Texas Instruments TPS54900PWR Datasheet HTML 2Page - Texas Instruments TPS54900PWR Datasheet HTML 3Page - Texas Instruments TPS54900PWR Datasheet HTML 4Page - Texas Instruments TPS54900PWR Datasheet HTML 5Page - Texas Instruments TPS54900PWR Datasheet HTML 6Page - Texas Instruments TPS54900PWR Datasheet HTML 7Page - Texas Instruments TPS54900PWR Datasheet HTML 8Page - Texas Instruments TPS54900PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TPS54900
SLVS405 – OCTOBER 2001
PROGRAMMABLE FOUR-CHANNEL STEP-DOWN
DC/DC CONVERTER
(6,4 mm x 5,0 mm)
1
www.ti.com
FEATURES
D Four Independent 100-mA Channels
Programmable Over 4-Wire Serial Port
D Converter Regulation Range:
7.5 V to 13.1 V in 400-mV Steps, Plus
Unregulated Pass-Through Mode to Shunt VIN
to any Output
D Internally Compensated PWM Controller and
Integrated PMOS Power Switches
D Global and Per Channel Status Available
Through Serial Port
D External Synchronization of PWM With
System Clock
D Per Channel Current Limit and Global Thermal
Shutdown
D –40°C to 85°C Ambient Temperature Range
APPLICATIONS
D ADSL Central Office Line Drivers
D Software Line Card Provisioning
DESCRIPTION
The TPS54900 four-channel step-down converter uses
voltage
mode
PWM
control
to
provide
four
independently programmable output voltages. Each
regulated channel includes a high-side PMOSFET
switch with a typical rDS(ON) of 0.8 Ω, which makes it
suitable for high efficiency, low current applications.
Commands sent to the TPS54900 over the four-wire
serial port programs the outputs independently or
globally to supply voltages from 7.5 V to 13.1 V in 0.4-V
increments. When the input voltage is desired at an
output, a bypass mode can be activated which fully
enhances the PMOSFET switch and disables the
switching circuitry of the selected channel.
The TPS54900 is an ideal companion device to power
THS7102 ADSL line drivers as a part of the AC5 central
office ADSL chipset. With the AC5 chipset controlling
the TPS54900 output voltages, significant power
savings are realized by reducing the excess supply
headroom on a per line basis.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LX0
LX1
GND
SFS
SDI
EN
FB0
FB1
LX3
LX2
VIN
SDO
SCLK
CBS
FB3
FB2
TSSOP (PW) PACKAGE
(TOP VIEW)
60
70
80
90
100
7
9
11
13
15
Driver Supply Voltage – V
0
20
40
60
80
100
Driver Current
Efficiency
EFFICIENCY
vs
DRIVER SUPPLY VOLTAGE
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2001, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Número de pieza similar - TPS54900PWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54900PW TI1-TPS54900PW Datasheet
280Kb / 17P
[Old version datasheet]   PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
TPS54900PWG4 TI1-TPS54900PWG4 Datasheet
280Kb / 17P
[Old version datasheet]   PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
More results

Descripción similar - TPS54900PWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54900 TI1-TPS54900_14 Datasheet
280Kb / 17P
[Old version datasheet]   PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
LP8758-E0 TI1-LP8758-E0_16 Datasheet
1Mb / 61P
[Old version datasheet]   Four-Output Synchronous Step-Down DC-DC Converter
LP8758-B0 TI1-LP8758-B0 Datasheet
1Mb / 56P
[Old version datasheet]   LP8758-B0 Four-Phase DC-DC Step-Down Converter
LP8758-B0 TI-LP8758-B0_15 Datasheet
1Mb / 55P
[Old version datasheet]   LP8758-B0 Four-Phase DC-DC Step-Down Converter
logo
Advanced Analogic Techn...
AAT2785 ANALOGICTECH-AAT2785 Datasheet
635Kb / 22P
   3-Channel Step-Down DC/DC Converter
AAT2784 ANALOGICTECH-AAT2784 Datasheet
693Kb / 21P
   3-Channel Step-Down DC/DC Converter
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com