Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

OP200EZ Datasheet(PDF) 5 Page - Analog Devices

No. de pieza OP200EZ
Descripción Electrónicos  Dual Low Offset, Low Power Operational Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

OP200EZ Datasheet(HTML) 5 Page - Analog Devices

  OP200EZ Datasheet HTML 1Page - Analog Devices OP200EZ Datasheet HTML 2Page - Analog Devices OP200EZ Datasheet HTML 3Page - Analog Devices OP200EZ Datasheet HTML 4Page - Analog Devices OP200EZ Datasheet HTML 5Page - Analog Devices OP200EZ Datasheet HTML 6Page - Analog Devices OP200EZ Datasheet HTML 7Page - Analog Devices OP200EZ Datasheet HTML 8Page - Analog Devices OP200EZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
OP200
Data Sheet
Rev. G | Page 4 of 16
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
VS = ±15 V, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
OP200A/OP200E
OP200G
Unit
Min
Typ
Max
Min
Typ
Max
INPUT CHARACTERISTICS
Input Offset Voltage
VOS
25
75
80
200
μV
Long-Term Input Voltage Stability
0.1
0.1
μV/mo
Input Offset Current
IOS
VCM = 0 V
0.05
1.0
0.05
3.5
nA
Input Bias Current
IB
VCM = 0 V
0.1
2.0
0.1
5.0
nA
Input Noise Voltage
en p-p
0.1 Hz to 10 Hz
0.5
0.5
μV p-p
Input Noise Voltage Density1
en
fO = 10 Hz
22
36
22
nV/√Hz
fO = 1000 Hz
11
18
11
nV/√Hz
Input Noise Current
in p-p
0.1 Hz to 10 Hz
15
15
pA p-p
Input Noise Current Density
in
fO = 10 Hz
0.4
0.4
pA/√Hz
Input Resistance Differential Mode
RIN
10
10
MΩ
Input Resistance Common Mode
RINCM
125
125
GΩ
Large Signal Voltage Gain
AVO
VO = ±10 V
RL = 10 kΩ
5000
12,000
3000
7000
M/mV
RL = 2 kΩ
2000
3700
1500
3200
M/mV
1
Sample tested.
VS = ±15 V, −55°C ≤ TA ≤ +125°C for OP200A, unless otherwise noted.
Table 2.
Parameter
Symbol
Conditions
OP200A
Unit
Min
Typ
Max
INPUT CHARACTERISTICS
Input Offset Voltage
VOS
45
125
μV
Average Input Offset Voltage Drift
TCVOS
0.2
0.5
μV/°C
Input Offset Current
IOS
VCM = 0 V
0.15
2.5
nA
Input Bias Current
IB
VCM = 0 V
0.9
5.0
nA
Large Signal Voltage Gain
AVO
VO = 10 V
RL = 10 kΩ
3000
9000
V/mV
RL = 2 kΩ
1000
2700
V/mV
Input Voltage Range1
IVR
±12
±12.5
V
Common-Mode Rejection Ratio
CMRR
VCM = ±12 V
115
130
dB
Capacitive Load Stability
AV = 1
8
nF
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 3 V to 18 V
0.2
3.2
μV/V
Supply Current Per Amplifier
ISY
No load
600
775
μA
OUTPUT CHARACTERISTICS
Output Voltage Swing
VO
RL = 10 kΩ
±12
±12.4
V
RL = 2 kΩ
±11
±12
V
1
Guaranteed by CMRR test.


Número de pieza similar - OP200EZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
OP200EZ AD-OP200EZ Datasheet
369Kb / 12P
   Dual Low Offset, Low Power Operational Amplifier
REV. A
OP200EZ AD-OP200EZ Datasheet
393Kb / 12P
   Dual Low Offset, Low Power Operational Amplifier
REV. B
OP200EZ AD-OP200EZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200EZ AD-OP200EZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200EZ AD-OP200EZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifiernull
Rev. E
More results

Descripción similar - OP200EZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
OP200AZ AD-OP200AZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP-200 AD-OP-200 Datasheet
602Kb / 10P
   DUAL LOW OFFSET, LOW POWER OPERATIONAL AMPLIFIER
OP200 AD-OP200_04 Datasheet
393Kb / 12P
   Dual Low Offset, Low Power Operational Amplifier
REV. B
5962-8859301MPA AD-5962-8859301MPA Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200GZ AD-OP200GZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200 AD-OP200 Datasheet
369Kb / 12P
   Dual Low Offset, Low Power Operational Amplifier
REV. A
5962-8859301MPA AD-5962-8859301MPA Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
logo
TAITRON Components Inco...
LM358A TAITRON-LM358A Datasheet
634Kb / 10P
   Dual Low Offset Operational Amplifier
logo
Analog Devices
OP227 AD-OP227_17 Datasheet
557Kb / 6P
   Dual, Low-Offset Low Noise Operational Amplifier
OP400 AD-OP400_07 Datasheet
389Kb / 16P
   Quad Low Offset, Low Power Operational Amplifier
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com