Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSB14AA1APFB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TSB14AA1APFB
Descripción Electrónicos  3.3 V IEEE 1394-1995 BACKPLANE PHY
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TSB14AA1APFB Datasheet(HTML) 10 Page - Texas Instruments

Back Button TSB14AA1APFB Datasheet HTML 6Page - Texas Instruments TSB14AA1APFB Datasheet HTML 7Page - Texas Instruments TSB14AA1APFB Datasheet HTML 8Page - Texas Instruments TSB14AA1APFB Datasheet HTML 9Page - Texas Instruments TSB14AA1APFB Datasheet HTML 10Page - Texas Instruments TSB14AA1APFB Datasheet HTML 11Page - Texas Instruments TSB14AA1APFB Datasheet HTML 12Page - Texas Instruments TSB14AA1APFB Datasheet HTML 13Page - Texas Instruments TSB14AA1APFB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
1–5
1.5
Terminal Descriptions (Continued)
TERMINAL
TYPE
I/O
DESCRIPTION
NAME
NO.
TYPE
I/O
DESCRIPTION
LPS
1
CMOS
I
Link power status input. This pin monitors the active/power status of the link layer controller and
controls the state of the PHY-LLC interface. This pin must be connected to either a pulsed output that
is active when the LLC is powered, or to the VDD supplying the LLC through a 10-kΩ resistor. The LPS
input is considered inactive if it is sampled low by the PHY for more than 128 SCLK cycles and is
considered active otherwise (i.e., asserted steady high or an oscillating signal with a low time less
than 2.6
µs). The LPS input must be high for at least 21 ns in order to ensure observation as high by
the PHY.
When the TSB14AA1A detects that LPS is inactive, it will place the PHY-LLC interface into a
low–power reset state. In the reset state, the CTL and D outputs are held in the logic zero state and
the LREQ input is ignored; however, the SCLK output remains active. If the LPS input remains low for
more than 1280 SCLK cycles, the PHY-LLC interface is placed into a low-power disabled state in
which the SCLK output is also held inactive. The PHY-LLC interface is placed into the disabled state
upon hardware reset. The LLC is considered active only if the LPS input is active.
LREQ
3
CMOS
I
Link request input. The LLC uses this input to initiate a service request to the TSB14AA1A.
M-TEST
26
CMOS
I
Manufacturing tests. When M-TEST is set high, manufacturing test modes are enabled. For normal
operation, this pin must be set low.
OCDOE
25
CMOS
O
Open collector driver output enable pin.
This pin is driven low to enable the open-collector
transceivers for both TDATA and TSTRB. OCDOE is also used to enable the TSTRB transceiver
when used with 3-state transceivers. When IDS is high, the output of this pin is inverted.
PD
37
CMOS
I
Power-down input. This pin is used for manufacturing tests. It should be tied to ground for normal
operation.
RDATA
35
TTL
I
Receive data input. Incoming data from the external transceiver is received at the data rate set by the
CLK_SELX pins and input clock frequency. When IDS is high the pin input is inverted.
RESET
48
CMOS
I
Hardware reset input. When pulsed low for a minimum of (2*SCLK) seconds, a hardware reset is
initiated.
RSTRB
33
TTL
I
Receive strobe input. The incoming strobe signal from the external transceiver is received at the data
rate set by the CLK_SELX pins and input clock frequency. When IDS is high the pin input is inverted.
SCAN_EN
11
CMOS
I
Scan enable. When set high this pin enables the manufacturing scan test of the TSB14AA1A device.
It is set low for normal operation.
SCLK
5
CMOS
O
System clock output. This pin provides a clock signal synchronized with the data transfers and output
to the link. It pulses at a rate of 1/2 the data rate. At a data rate of 98.304 Mbps it oscillates at
49.152 MHz, and at a data rate of 49.152 Mbps it oscillates at 24.576 MHz.
T1P8
39
O
1.8 V regulator output. This pin is the output of the on-chip 1.8 V voltage regulator. T1P8 must be
decoupled to GND with a 0.1
µF capacitor.
TDATA
29
CMOS
O
Transmit data output. Data to be transmitted is serialized on TDATA and output to the external
transceiver. When IDS is high the pin output is inverted.
TDOE
31
CMOS
O
3-state (high-impedance) driver output enable. This pin will only be asserted under any of the
following conditions:
1.
Data is transmitted after winning arbitration.
2.
The arbitration state being driven is 1 (TDATA and TSTRB both = 1).
3.
Bus reset is initiated.
It is driven low to enable high impedance transceivers for the TDATA signal. When IDS is high the pin
output is inverted.
TEST_EN
36
CMOS
I
Test enable input. When set high, this pin enables a manufacturing test mode. In normal operation,
this pin must be tied to GND.
TSTRB
27
CMOS
O
Transmit strobe output. TSTRB encodes the transmit of the strobe signal and the output to the
external transceiver. When IDS is high the pin output is inverted.
VCC
6, 17, 30,
42
Supply
I
3.3-V supply voltage
Xl
43
Crystal
I
Crystal oscillator input. When used with an oscillator, this pin must be connected to the output of the
oscillator. When operating at 98.304 Mbps this input must be 98.304 MHz. When operating at
49.152 Mbps, this input must be 49.152 MHz.
XO
45
Crystal
O
Oscillator output. When used with an oscillator, this pin must be left unconnected.


Número de pieza similar - TSB14AA1APFB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TSB14AA1APFB TI1-TSB14AA1APFB Datasheet
187Kb / 7P
[Old version datasheet]   3.3-V IEEE 1394-1995 Backplane PHY
TSB14AA1APFBG4 TI1-TSB14AA1APFBG4 Datasheet
187Kb / 7P
[Old version datasheet]   3.3-V IEEE 1394-1995 Backplane PHY
More results

Descripción similar - TSB14AA1APFB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TSB14AA1A TI1-TSB14AA1A_14 Datasheet
191Kb / 8P
[Old version datasheet]   3.3-V IEEE 1394-1995 Backplane PHY
TSB14AA1A TI1-TSB14AA1A_15 Datasheet
187Kb / 7P
[Old version datasheet]   3.3-V IEEE 1394-1995 Backplane PHY
TSB14C01 TI-TSB14C01 Datasheet
442Kb / 31P
[Old version datasheet]   5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER
TSB14C01A TI-TSB14C01A Datasheet
424Kb / 31P
[Old version datasheet]   5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER
TSB21LV03 TI-TSB21LV03 Datasheet
522Kb / 38P
[Old version datasheet]   IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
TSB21LV03C TI-TSB21LV03C Datasheet
393Kb / 29P
[Old version datasheet]   IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
TSB11LV01 TI-TSB11LV01 Datasheet
320Kb / 21P
[Old version datasheet]   3-V 1-PORT IEEE 1394-1995 CABLE TRANSCEIVER/ARBITER
TSB12LV21A TI-TSB12LV21A Datasheet
258Kb / 18P
[Old version datasheet]   IEEE 1394-1995 BUS TO PCI BUS INTERFACE
TSB12LV41 TI-TSB12LV41 Datasheet
737Kb / 195P
[Old version datasheet]   IEEE 1394-1995 Link-Layer Controller for Consumer Applications
TSB12LV31 TI-TSB12LV31 Datasheet
257Kb / 73P
[Old version datasheet]   IEEE 1394-1995 General-Purpose Link-Layer Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com