Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

M54641L Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

No. de Pieza. M54641L
Descripción  Bi-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MITSUBISHI [Mitsubishi Electric Semiconductor]
Página de inicio  http://www.mitsubishichips.com
Logo 

M54641L Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Bi-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION
M54641L/FP
MITSUBISHI <CONTROL / DRIVER IC>
Limits
Min.
Typ.
Max.
Symbol
Test conditions
Unit
Parameter
IO(leak)
VOH
VOL
VO1-O2
II
ICC
“H” output saturation voltage
ELECTRICAL CHARACTERISTICS (Ta=25˚C, VCC = 5V, unless otherwise noted)
“L” output saturation voltage
Output leak current
Voltage between outputs (1)
and (2) (Voltage across Motor)
Input voltage
Supply current
VCC’ = 20V
VZ: Open
VCC’ = 12V
VZ: Open
VCC’ = 12V
VZ: Open
VCC’ = 12V
VZ = 7V
VCC’ = 12V
VCC = 10V
VCC’ = 12V
VI = 3V
VI = 5V
Output OPEN
VO = 20V
VO = 0V
IOH = -50mA
IOH = -100mA
IOH = 50mA
IOH = 100mA
IO = ±100mA
Output open
In “OFF” state
Forward rotation or
reverse rotation
Braking
-100
0.3
0.4
7.7
180
380
3.0
8.0
12.0
10.5
10.4
0.1
0.2
7.0
100
240
1.2
4.5
7.5
10.2
10.0
6.3
µA
V
V
V
µA
mA
TYPICAL CHARACTERISTICS Condition • With basic installation (epoxy board of 5cm x 5cm x 0.8mmt with copper foil on a single
side)
• t : Power apply time
0
Thermal Derating (M54641L)
(Absolute Maximum Rating)
25
50 60
75
100
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Ambient Temperature Ta (˚C)
t = 20sec
t =
t = 10sec
0
Thermal Derating (M54641FP)
(Absolute Maximum Rating)
25
50 60
75
100
0
0.2
0.4
0.6
0.8
Ambient Temperature Ta (˚C)
“H” Output Saturation
Characteristics
Ta = 25˚C
VCC’ = 12V
VZ = Open
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
“H” Output Voltage VCC’-VOH (V)
0
-50
-100
-150
-200
“L” Output Saturation
Characteristics
Ta = 25˚C
VCC’ = 12V
VZ = Open
0
0.1
0.2
0.3
0.4
0.5
“L” Output Voltage VOL (V)
0
50
100
150
200
100


Html Pages

1  2  3  4 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn