Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

M54641L Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

No. de Pieza. M54641L
Descripción  Bi-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MITSUBISHI [Mitsubishi Electric Semiconductor]
Página de inicio  http://www.mitsubishichips.com
Logo 

M54641L Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Bi-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION
M54641L/FP
MITSUBISHI <CONTROL / DRIVER IC>
V
mA
V
V
˚C
RECOMMENDED OPERATING CONDITION (Ta = 25˚C, unless otherwise noted)
Limits
Min.
Typ.
Max.
Symbol
Conditions
Unit
Parameter
VCC
Supply voltage
Output current
±100
0.6
IO
VIH
VIL
“H” input voltage
“L” input voltage
tS
Motor braking interval
TS
Operation temperature of thermal
protection circuit (junction temperature)
10
VCC
ms
ABSOLUTE MAXIMUM RATINGS (Ta=25˚C, unless otherwise noted)
VCC
Output
GND
VZ
Output circuit
Input circuit
1
2
GND
VCC
15k
1k
IN
Input
INPUT/OUTPUT CIRCUIT
-0.5
+12
-0.5
+20
-0.5
VCC’+2.5
±150
˚C
mW
mA
570
100
˚C
˚C
VCC
VCC
VI
VO
IO(max)
IO
Pd
Topr
Tstg
Supply voltage
Output Supply voltage
Input voltage
Output voltage
Allowable motor rush current
Continuous output current
Power dissipation
Operating temperature
Storage temperature
tOP =10ms: cycle time 0.2HZ or less
Ta = 60˚C(M54641L)
0
VCC
±800
-10
60
-55
125
V
V
V
V
mA
Symbol
Ratings
Unit
Parameter
Conditions
Tj
Junction temperature
VI<VCC
3.0
4
0
10
100
5
100
120
Though the IC is equipped with a thermal shutdown circuit for
prevention against thermal breaking, the threshold temperature is
set to 100°C min. Set the driving current in such a way that this
thermal shutdown circuit cannot operate during normal operation.


Html Pages

1  2  3  4 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn