Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS68332VR16 Datasheet(PDF) 2 Page - ATMEL Corporation

No. de pieza TS68332VR16
Descripción Electrónicos  High performance 32-bit integrated microcontroller
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68332VR16 Datasheet(HTML) 2 Page - ATMEL Corporation

  TS68332VR16 Datasheet HTML 1Page - ATMEL Corporation TS68332VR16 Datasheet HTML 2Page - ATMEL Corporation TS68332VR16 Datasheet HTML 3Page - ATMEL Corporation TS68332VR16 Datasheet HTML 4Page - ATMEL Corporation TS68332VR16 Datasheet HTML 5Page - ATMEL Corporation TS68332VR16 Datasheet HTML 6Page - ATMEL Corporation TS68332VR16 Datasheet HTML 7Page - ATMEL Corporation TS68332VR16 Datasheet HTML 8Page - ATMEL Corporation TS68332VR16 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
2
TS68332
2118A–HIREL–03/02
Screening/Quality
This product is manufactured in full compliance with:
MIL-STD-883 (class B)
DSCC 5962-91501
Or according to Atmel-Grenoble standard
Introduction
Figure 1 is a block diagram of the TS68332 showing the major components. The pin
descriptions are provided in Table 1. The TS68332 contains intelligent peripheral mod-
ules such as the Time Processor Unit (TPU), which provides 16 microcoded channels
for performing time-related activities from simple input capture or output compare to
complicated motor control or pulse width modulation. High-speed serial communications
are provided by the Queued Serial Module (QSM) with synchronous and asynchronous
protocols available. 2-Kbytes of fully static standby RAM allow fast two-cycle access for
system and data stacks and variable storage with provision for battery back-up. There is
a System Integration Module (SIM) which includes twelve chip selects to enhance sys-
tem integration for fast external memory or peripheral access. The powerful 32-bit CPU
(CPU 32) is based on the industry-standard TS68020. These modules are connected on
chip via the Intermodule Bus (IMB) and provide reduced system part count, size, cost of
implementation and increased reliability.
R suffix
PGA 132
Ceramic Pin Grid Array
A suffix
CERQUAD 132
Ceramic Leaded Chip Carrier


Número de pieza similar - TS68332VR16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
TS68332VR16 ATMEL-TS68332VR16 Datasheet
1Mb / 57P
   High Highperformance 32-bit Integrated Microcontroller
More results

Descripción similar - TS68332VR16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
TS68332 ATMEL-TS68332_05 Datasheet
1Mb / 57P
   High Highperformance 32-bit Integrated Microcontroller
logo
Maxim Integrated Produc...
ZA9L0 MAXIM-ZA9L0 Datasheet
60Kb / 2P
   Zatara High-Performance, Secure, 32-Bit ARM Microcontroller
Rev 0; 3/09
ZA9L1 MAXIM-ZA9L1 Datasheet
61Kb / 2P
   Zatara High-Performance, Secure, 32-Bit ARM Microcontroller
Rev 0; 3/09
logo
ATMEL Corporation
AT32AP7000 ATMEL-AT32AP7000_14 Datasheet
707Kb / 63P
   High Performance, Low Power AVR32 32-Bit Microcontroller
AT32AP7002 ATMEL-AT32AP7002_14 Datasheet
863Kb / 52P
   High Performance, Low Power AVR32 32-Bit Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C_14 Datasheet
2Mb / 110P
   High Performance, Low Power 32-bit AVR Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C Datasheet
2Mb / 110P
   High Performance, Low Power 32-bit AVR Microcontroller
AT32AP7001 ATMEL-AT32AP7001_14 Datasheet
814Kb / 49P
   High Performance, Low Power AVR32 32-Bit Microcontroller
logo
Infineon Technologies A...
XC2336A INFINEON-XC2336A Datasheet
869Kb / 102P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.0 2009-03
XC2261N INFINEON-XC2261N Datasheet
1Mb / 130P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3 2010-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com