Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM24CANA Datasheet(PDF) 5 Page - Littelfuse

No. de pieza SM24CANA
Descripción Electrónicos  200W TVS Diode Array
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LITTELFUSE [Littelfuse]
Página de inicio  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SM24CANA Datasheet(HTML) 5 Page - Littelfuse

  SM24CANA Datasheet HTML 1Page - Littelfuse SM24CANA Datasheet HTML 2Page - Littelfuse SM24CANA Datasheet HTML 3Page - Littelfuse SM24CANA Datasheet HTML 4Page - Littelfuse SM24CANA Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
© 2017 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 10/06/17
TVS Diode Arrays (SPA®Diodes)
TVS Diode Arrays (SPA® Diodes)
General Purpose ESD Protection - SM24CANA
GENERAL INFORMATION
1. 3000 PIECES PER REEL.
2. ORDER IN MULTIPLES OF FULL REELS ONLY.
3. MEETS EIA-481 REVISION "A" SPECIFICATIONS.
COVER TAPE
USER DIRECTION OF FEED
PIN 1
SOT23-3 (8mm POCKET PITCH)
8.4mm
180mm
14.4mm
13mm
60mm
ACCESS HOLE
8mm TAPE AND REEL
Embossed Carrier Tape & Reel Specification — SOT23-3
Symbol
Millimetres
Inches
Min
Max
Min
Max
E
1.65
1.85
0.065
0.073
F
3.40
3.60
0.134
0.142
P2
1.90
2.10
0.075
0.083
D
1.40
1.60
0.055
0.063
P0
3.90
4.10
0.154
0.161
W
7.70
8.30
0.303
0.327
P
3.90
4.10
0.154
0.161
A0
3.05
3.25
0.120
0.128
B0
2.67
2.87
0.105
0.113
K0
1.12
1.32
0.044
0.052
t
0.22
0.24
0.009
0.009
Disclaimer Notice - Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and
test each product selected for their own applications. Littelfuse products are not designed for, and may not be used in, all applications.
Read complete Disclaimer Notice at www.littelfuse.com/disclaimer-electronics.


Número de pieza similar - SM24CANA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
SM24CANB LITTELFUSE-SM24CANB Datasheet
821Kb / 5P
   500W TVS Diode Array
SM24CANB-02HTG LITTELFUSE-SM24CANB-02HTG Datasheet
821Kb / 5P
   500W TVS Diode Array
More results

Descripción similar - SM24CANA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Protek Devices
CSP040605C PROTEC-CSP040605C_11 Datasheet
541Kb / 8P
   200w chip scale tvs array
logo
Littelfuse
SPHV-C LITTELFUSE-SPHV-C Datasheet
997Kb / 6P
   200W Discrete Bidirectional TVS Diode
SPHV LITTELFUSE-SPHV Datasheet
987Kb / 6P
   200W Discrete Unidirectional TVS Diode
logo
Protek Devices
LC0402FC3.3C PROTEC-LC0402FC3.3C Datasheet
623Kb / 9P
   200W LOW CAPACITANCE flip chip tvs array
LC0404FC3.3C PROTEC-LC0404FC3.3C_11 Datasheet
537Kb / 8P
   200W LOW CAPACITANCE flip chip tvs array
LC0404FC3.3C PROTEC-LC0404FC3.3C_12 Datasheet
538Kb / 8P
   200W LOW CAPACITANCE FLIP CHIP TVS ARRAY
LC0406FC3.3C PROTEC-LC0406FC3.3C_11 Datasheet
622Kb / 9P
   200w low capacitance flip chip tvs array
LC0408FC3.3C PROTEC-LC0408FC3.3C_11 Datasheet
622Kb / 9P
   200w low capacitance flip chip tvs array
LC0402FC3.3C PROTEC-LC0402FC3.3C_12 Datasheet
625Kb / 9P
   200W LOW CAPACITANCE FLIP CHIP TVS ARRAY
LC0406FC3.3C PROTEC-LC0406FC3.3C_12 Datasheet
624Kb / 9P
   200W LOW CAPACITANCE FLIP CHIP TVS ARRAY
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com