Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM24CANB-02HTG Datasheet(PDF) 1 Page - Littelfuse

No. de pieza SM24CANB-02HTG
Descripción Electrónicos  500W TVS Diode Array
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LITTELFUSE [Littelfuse]
Página de inicio  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SM24CANB-02HTG Datasheet(HTML) 1 Page - Littelfuse

  SM24CANB-02HTG Datasheet HTML 1Page - Littelfuse SM24CANB-02HTG Datasheet HTML 2Page - Littelfuse SM24CANB-02HTG Datasheet HTML 3Page - Littelfuse SM24CANB-02HTG Datasheet HTML 4Page - Littelfuse SM24CANB-02HTG Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2017 Littelfuse, Inc.
Specifications are subject to change without notice.
1
TVS Diode Arrays (SPA®Diodes)
Revision: 10/09/17
TVS Diode Arrays (SPA® Diodes)
General Purpose ESD Protection - SM24CANB
Description
Applications
The SM24CANB TVS Diode Array is designed to protect
automotive Controller Area Network (CAN) lines from
damage due to electrostatic discharge (ESD), electrical fast
transient (EFT), and other overvoltage transients.
The SM24CANB Series can absorb repetitive ESD strikes
above the maximum level specified in the IEC 61000-4-2
international standard without performance degradation
and safely dissipate 10A of 8/20µs surge current (IEC
61000-4-5 2nd Edition) with very low clamping voltages.
Features
• ESD, IEC 61000-4-2,
±30kV contact, ±30kV air
• EFT, IEC 61000-4-4,50A
(5/50ns)
• RoHS compliant and
Lead-free
• Lightning, IEC 61000-
4-5 2nd edition, 10A
(tp=8/20μs)
• Low clamping voltage
• Low leakage current
• AEC-Q101 qualified
• Moisture Sensitivity
Level (MSL-1)
• CAN Bus Protection
• Automotive Networks
• On-Board Diagnostics
• Sensors, Actuators
• EnergyBus
• Industrial Control
Networks
• Device Net
• Safety BUS
• CAN open
Pinout and Functional Block Diagram
Life Support Note:
Not Intended for Use in Life Support or Life Saving Applications
The products shown herein are not designed for use in life sustaining or life saving
applications unless otherwise expressly indicated.
RoHS Pb GREEN
SM24CANB Series 500W TVS Diode Array
Pin 1
Pin 2
Pin 3
1
Functional Block Diagram
3
1
2
Application Example
SPLIT
CAN
BUS
SM24CANB-02HTG (500W)
CANL
CAN BUS
Transceiver
Common
Mode Choke
(optional)
CANH
C G
R T/2
R T/2
Additional Information
Datasheet
Samples
Resources


Número de pieza similar - SM24CANB-02HTG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
SM24CANA LITTELFUSE-SM24CANA Datasheet
937Kb / 5P
   200W TVS Diode Array
SM24CANA-02HTG LITTELFUSE-SM24CANA-02HTG Datasheet
937Kb / 5P
   200W TVS Diode Array
More results

Descripción similar - SM24CANB-02HTG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
AQXX-02HTG LITTELFUSE-AQXX-02HTG Datasheet
1Mb / 8P
   AQxx-02HTG Series 500W TVS Diode Array
2019 Littelfuse, Inc.
logo
Shanghai Leiditech Elec...
SD15 LEIDITECH-SD15 Datasheet
140Kb / 3P
   500W Unidirectional TVS Diode
SD36 LEIDITECH-SD36 Datasheet
140Kb / 3P
   500W Unidirectional TVS Diode
logo
StarHope
TESD03FU SPSEMI-TESD03FU Datasheet
369Kb / 3P
   500W Unidirectional TVS Diode
logo
Shanghai Leiditech Elec...
SD24 LEIDITECH-SD24 Datasheet
140Kb / 3P
   500W Unidirectional TVS Diode
SESD3Z5V LEIDITECH-SESD3Z5V Datasheet
199Kb / 3P
   500W Unidirectional TVS Diode
SD12 LEIDITECH-SD12 Datasheet
150Kb / 3P
   500W Unidirectional TVS Diode
logo
Galaxy Semi-Conductor H...
SM15 BILIN-SM15 Datasheet
111Kb / 3P
   TVS DIODE ARRAY
SM24 BILIN-SM24 Datasheet
111Kb / 3P
   TVS DIODE ARRAY
logo
Yea Shin Technology Co....
YSAZ5V6T3 YEASHIN-YSAZ5V6T3 Datasheet
855Kb / 3P
   TVS DIODE ARRAY
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com