Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMP34M4SPS-13 Datasheet(PDF) 4 Page - Diodes Incorporated

No. de pieza DMP34M4SPS-13
Descripción Electrónicos  30V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP34M4SPS-13 Datasheet(HTML) 4 Page - Diodes Incorporated

  DMP34M4SPS-13 Datasheet HTML 1Page - Diodes Incorporated DMP34M4SPS-13 Datasheet HTML 2Page - Diodes Incorporated DMP34M4SPS-13 Datasheet HTML 3Page - Diodes Incorporated DMP34M4SPS-13 Datasheet HTML 4Page - Diodes Incorporated DMP34M4SPS-13 Datasheet HTML 5Page - Diodes Incorporated DMP34M4SPS-13 Datasheet HTML 6Page - Diodes Incorporated DMP34M4SPS-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DMP34M4SPS
Document number: DS39884 Rev. 3 - 2
4 of 7
www.diodes.com
October 2017
© Diodes Incorporated
DMP34M4SPS
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 8. Gate Threshold Variation vs. Junction
Temperature
I
D = -250μA
I
D = -1mA
0
5
10
15
20
25
30
0
0.3
0.6
0.9
1.2
V
SD, SOURCE-DRAIN VOLTAGE (V)
Figure 9. Diode Forward Voltage vs. Current
T
J = 125
oC
T
J = 85
oC
T
J = 25
oC
T
J = -55
oC
V
GS = 0V
T
J = 150
oC
100
1000
10000
0
5
10
15
20
25
30
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 10. Typical Junction Capacitance
f = 1MHz
C
rss
C
oss
C
iss
0
1
2
3
4
5
6
7
8
9
10
0
20
40
60
80
100
120
140
Q
g (nC)
Figure 11. Gate Charge
V
DS = -15V, ID = -20A
0.1
1
10
100
1000
0.1
1
10
100
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 12. SOA, Safe Operation Area
P
W = 100ms
P
W = 100µs
P
W = 1µs
DC
R
DS(ON) Limited
P
W = 10µs
P
W = 1ms
T
J(Max) = 150℃ TC = 25℃
Single Pulse
DUT on Infinite Heatsink
V
GS = -10V
P
W = 10ms
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
J
Figure 7 On-Resistance Variation with Junction Temperature
V
= 5V
GS
I
= -20A
D
V
= -10V
GS
I = -20A
D
VGS = -5V
ID = -20A


Número de pieza similar - DMP34M4SPS-13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
DMP3007LK3 DIODES-DMP3007LK3 Datasheet
448Kb / 7P
   P-CHANNEL ENHANCEMENT MODE MOSFET
February 2019 Rev. 2 - 2
DMP3007LK3-13 DIODES-DMP3007LK3-13 Datasheet
448Kb / 7P
   P-CHANNEL ENHANCEMENT MODE MOSFET
February 2019 Rev. 2 - 2
DMP3007SCG DIODES-DMP3007SCG Datasheet
441Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP3007SCG-13 DIODES-DMP3007SCG-13 Datasheet
441Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP3007SCG-7 DIODES-DMP3007SCG-7 Datasheet
441Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Descripción similar - DMP34M4SPS-13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TECH PUBLIC Electronics...
IRF7316 TECHPUBLIC-IRF7316 Datasheet
2Mb / 5P
   -30V PP-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X_05 Datasheet
331Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM4835 TSC-TSM4835 Datasheet
172Kb / 5P
   30V P-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTP452M3 CYSTEKEC-MTP452M3 Datasheet
285Kb / 8P
   30V P-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP32D4S DIODES-DMP32D4S_15 Datasheet
335Kb / 6P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
TY Semiconductor Co., L...
DMG3401LSN TYSEMI-DMG3401LSN Datasheet
100Kb / 2P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Formosa MS
FMS2303 FORMOSA-FMS2303 Datasheet
1Mb / 8P
   30V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMP3A16N8 DIODES-ZXMP3A16N8 Datasheet
159Kb / 8P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X Datasheet
205Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJA87P03 PANJIT-PJA87P03 Datasheet
2Mb / 6P
   30V P-Channel ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP3008SFGQ DIODES-DMP3008SFGQ Datasheet
543Kb / 8P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com