Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


DMP45H4D9HK3 Datasheet(Hoja de datos) 3 Page - Diodes Incorporated

No. de Pieza. DMP45H4D9HK3
Descripción  450V P-CHANNEL ENHANCEMENT MODE MOSFET
Descarga  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo 

   
 3 page
background image
DMP45H4D9HK3
Document number: DS38850 Rev. 2 - 2
3 of 7
www.diodes.com
June 2017
© Diodes Incorporated
DMP45H4D9HK3
0.0
1.0
2.0
3.0
4.0
5.0
0
2
4
6
8
10
12
14
16
18
20
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 1. Typical Output Characteristic
V
GS = -5.0V
V
GS = -5.5V
V
GS = -6.0V
V
GS = -7.0V
V
GS = -8.0V
V
GS = -10.0V
V
GS = -15.0V
V
GS = -20.0V
0
0.2
0.4
0.6
0.8
1
0
1
2
3
4
5
6
7
8
V
GS, GATE-SOURCE VOLTAGE (V)
Figure 2. Typical Transfer Characteristic
V
DS = -10V
-55oC
25oC
85oC
125oC
150oC
2
2.5
3
3.5
4
4.5
5
5.5
6
0
1
2
3
4
5
I
D, DRAIN-SOURCE CURRENT (A)
Figure 3. Typical On-Resistance vs. Drain Current
and Gate Voltage
V
GS = -10V
0
2
4
6
8
10
12
14
16
18
20
0
5
10
15
20
25
30
V
GS, GATE-SOURCE VOLTAGE (V)
Figure 4. Typical Transfer Characteristic
I
D = -1.05A
0
1
2
3
4
5
6
7
8
9
10
0
0.5
1
1.5
2
2.5
3
3.5
4
I
D, DRAIN CURRENT (A)
Figure 5. Typical On-Resistance vs. Drain Current
and Temperature
V
GS = -10V
-55oC
25oC
85oC
125oC
150oC
0
0.5
1
1.5
2
2.5
3
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 6. On-Resistance Variation with
Temperature
V
GS = -10V, ID = -1.05A




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl