Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


DMP45H150DHE Datasheet(Hoja de datos) 4 Page - Diodes Incorporated

No. de Pieza. DMP45H150DHE
Descripción  450V P-CHANNEL ENHANCEMENT MODE MOSFET
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo 

   
 4 page
background image
DMP45H150DHE
Document Number DS39212 Rev. 3 - 2
4 of 6
www.diodes.com
October 2017
© Diodes Incorporated
DMP45H150DHE
0
20
40
60
80
100
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (℃)
Figure 7. On-Resistance Variation with Temperature
V
GS = -10V, ID = -50mA
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
0
0.3
0.6
0.9
1.2
1.5
VSD, SOURCE-DRAIN VOLTAGE (V)
Figure 9. Diode Forward Voltage vs. Current
T
A = 125
oC
T
A = 85
oC
T
A = 25
oC
T
A = -55
oC
V
GS = 0V
T
A = 150
oC
0
1
10
100
1000
0
5
10
15
20
25
30
35
40
VDS, DRAIN-SOURCE VOLTAGE (V)
Figure 10. Typical Junction Capacitance
f=1MHz
C
rss
C
oss
C
iss
0
2
4
6
8
10
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Qg (nC)
Figure 11. Gate Charge
V
DS = -225V, ID = -100mA
0.001
0.01
0.1
1
1
10
100
1000
VDS, DRAIN-SOURCE VOLTAGE (V)
Figure 12. SOA, Safe Operation Area
P
W =10s
P
W =10ms
P
W =100µs
DC
R
DS(ON) Limited
P
W =1ms
P
W =100ms
T
J(Max) = 150℃ TC = 25℃
Single Pulse
DUT on 1*MRP Board
V
GS= -10V
P
W =1s
1
2
3
4
5
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (℃)
Figure 8. Gate Threshold Variation vs. Junction
Temperature
I
D = -250μA
I
D = -1mA




Html Pages

1  2  3  4  5  6 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl