Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


DMP3035LSS-13 Datasheet(Hoja de datos) 3 Page - Diodes Incorporated

No. de Pieza. DMP3035LSS-13
Descripción  SINGLE P-CHANNEL ENHANCEMENT MODE MOSFET
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo 

   
 3 page
background image
DMP3035LSS
Document number: DS31443 Rev. 10 - 3
3 of 6
www.diodes.com
September 2017
© Diodes Incorporated
DMP3035LSS
Fig. 1 Typical Output Characteristic
0
4
8
12
16
20
0
1
2
3
4
5
-V
, DRAIN-SOURCE VOLTAGE (V)
DS
V
= -1.5V
GS
V
= -2.0V
GS
V
= -2.5V
GS
V
= -3.0V
GS
V
= -4.0V
GS
V
= -10V
GS
Fig. 3 Typical On-Resistance
vs. Drain Current and Gate Voltage
0
0.005
0.01
0.015
0.02
0.025
0.03
0
6
12
18
24
30
-I , DRAIN-SOURCE CURRENT (A)
D
V
= -4.5V
GS
V
= -10V
GS
Fig. 5 Normalized On-Resistance vs. Ambient Temperature
0.6
0.8
1.0
1.2
1.4
1.6
-50 -25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (癈 )
A
V
= -4.5V
I = -5A
GS
D
V
= -10V
I = -10A
GS
D
Fig. 6 Typical Total Capacitance
0
5
10
15
20
25
30
V
, DRAIN-SOURCE VOLTAGE (V)
DS
100
1,000
10,000
Ciss
Coss
Crss
f = 1MHz
Fig. 4 Typical On-Resistance
vs. Drain Current and Temperature
0
0.005
0.01
0.015
0.02
0.025
0.03
0
6
12
18
24
30
-I , DRAIN CURRENT (A)
D
R
,
D
R
A
I
N
-
S
O
U
R
C
E
O
N
-
R
E
S
I
S
T
A
N
C
E
(
)
D
S
(
O
N
)
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
Fig. 2 Typical Transfer Characteristic
0
4
8
12
16
20
1
1.5
2
2.5
3
3.5
-V
, GATE-SOURCE VOLTAGE (V)
GS
-I
,
D
R
A
I
N
C
U
R
R
E
N
T
(
A
)
D
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
(
oC)
NOT RECOMMENDED FOR NEW DESIGN
USE DMP3036SSS




Html Pages

1  2  3  4  5  6 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl