Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


DMP3036SFG-7 Datasheet(Hoja de datos) 4 Page - Diodes Incorporated

No. de Pieza. DMP3036SFG-7
Descripción  30V P-CHANNEL ENHANCEMENT MODE MOSFET
Descarga  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo 

   
 4 page
background image
DMP3036SFG
Document number: DS37038 Rev. 5 - 2
4 of 7
www.diodes.com
December 2017
© Diodes Incorporated
DMP3036SFG
V
, SOURCE-DRAIN VOLTAGE (V)
Figure 8 Diode Forward Voltage vs. Current
SD
0
5
10
15
20
25
30
0
0.3
0.6
0.9
1.2
1.5
T = 125 C
A
T = 150 C
A
T = 85 C
A
T = 25 C
A
T = -55 C
A
V
, DRAIN-SOURCE VOLTAGE (V)
Figure 10 Typical Junction Capacitance
DS
10
100
1000
10000
0
5
10
15
20
25
30
C
oss
Crss
C
iss
Q , TOTAL GATE CHARGE (nC)
Figure 11 Gate-Charge Characteristics
g
0
2
4
6
8
10
12
14
16
18
20
V
= -15V
I = -10A
DS
D
V
, DRAIN-SOURCE VOLTAGE (V)
Figure 12 SOA, Safe Operation Area
DS
R
Limited
DS(on)
0.01
0.1
1
10
100
0.1
1
10
100
T
= 150癈
T = 25癈
V
= 10V
Single Pulse
J(max)
A
GS
DUT on 1 * MRP Board
DC
P
= 10s
W
P
= 1s
W
P
= 100ms
W
P
= 10ms
W
P
= 1ms
W
P
= 100祍
W
T , AMBIENT TEMPERATURE (°C)
Figure 7 Gate Threshold Variation vs. Ambient Temperature
A
V
,
G
A
T
E
T
H
R
E
S
H
O
L
D
V
O
L
T
A
G
E
(
V
)
G
S
(
T
H
)
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
-50
-25
0
25
50
75
100
125
150
-I
=1mA
D
-I
= 250µA
D
V
, DRAIN-SOURCE VOLTAGE (V)
Figure 9 Typical Drain-Source Leakage Current vs. Voltage
DS
I
,
L
E
A
K
A
G
E
C
U
R
R
E
N
T
(
n
A
)
D
S
S
0.1
1
10
100
1000
10000
0
5
10
15
20
25
30
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
150°C
25°C
100µs




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl