Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


DMP3056L_17 Datasheet(Hoja de datos) 4 Page - Diodes Incorporated

No. de Pieza. DMP3056L_17
Descripción  30V P-CHANNEL ENHANCEMENT MODE MOSFET
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo 

   
 4 page
background image
DMP3056L
Document number: DS37386 Rev. 4 - 2
4 of 6
www.diodes.com
March 2017
© Diodes Incorporated
DMP3056L
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 7. On-Resistance Variation with Temperature
V
GS= -4.5V, ID= -3.7A
V
GS= -10V, ID= -4.3A
0.5
1
1.5
2
2.5
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 8. Gate Threshold Variation vs. Junction
Temperature
I
D= -1mA
I
D= -250mA
0
1
2
3
4
5
6
7
8
9
10
0
0.3
0.6
0.9
1.2
1.5
-V
SD, SOURCE-DRAIN VOLTAGE (V)
Figure 9. Diode Forward Voltage vs. Current
T
A= -55℃
T
A=25℃
T
A=85℃
T
A=125℃
T
A=150℃
V
GS=0V
10
100
1000
10000
0
5
10
15
20
25
30
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 10. Typical Junction Capacitance
f=1MHz
Ciss
Coss
Crss
0
2
4
6
8
10
0
2
4
6
8
10
12
Qg, TOTAL GATE CHARGE (nC)
Figure 11. Gate Charge
V
DS= -15V, ID= -6A
0.01
0.1
1
10
100
0.1
1
10
100
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 12. SOA, Safe Operation Area
T
J,(MAX)=150℃
T
A=25℃
Single Pulse
DUT on 1*MRP board
V
GS= -10V
R
DS(ON) Limited
DC
P
W=10s
P
W=1s
P
W=100ms
P
W=10ms
P
W=1ms
P
W=100µs




Html Pages

1  2  3  4  5  6 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl