Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


DMP3165L-13 Datasheet(Hoja de datos) 4 Page - Diodes Incorporated

No. de Pieza. DMP3165L-13
Descripción  P-CHANNEL ENHANCEMENT MODE MOSFET
Descarga  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo 

   
 4 page
background image
DMP3165L
Document number: DS40415 Rev. 2 - 2
4 of 7
www.diodes.com
February 2018
© Diodes Incorporated
DMP3165L
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 7. On-Resistance Variation with Temperature
V
GS = -10V, ID = -2.7A
V
GS = -4.5V, ID = -2.0A
1
1.2
1.4
1.6
1.8
2
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 8. Gate Threshold Variation vs.
JunctionTemperature
I
D = -250μA
I
D = -1mA
0
2
4
6
8
10
0
0.3
0.6
0.9
1.2
1.5
V
SD, SOURCE-DRAIN VOLTAGE (V)
Figure 9. Diode Forward Voltage vs. Current
V
GS = 0V
T
J= 125℃
T
J= -55℃
T
J= 150℃
T
J= 25℃
T
J= 85℃
10
100
1000
0
5
10
15
20
25
30
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 10. Typical Junction Capacitance
f = 1MHz
Ciss
Coss
Crss
0
2
4
6
8
10
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
2
2.2
Qg (nC)
Figure 11. Gate Charge
V
DS = -15V, ID = -3A
0.01
0.1
1
10
100
0.1
1
10
100
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 12. SOA, Safe Operation Area
R
DS(ON) LIMITED
T
J(MAX)=150℃
T
C=25℃
Single Pulse
DUT on
1*MRP board
V
GS= -10V
P
W=10s
DC
P
W=1s
P
W=100ms
P
W=10ms
P
W=1ms
P
W=100μs




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl