Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM5817PL Datasheet(PDF) 3 Page - Micro Commercial Components

No. de pieza SM5817PL
Descripción Electrónicos  Schottky Barrier Diodes 20 to 40 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MCC [Micro Commercial Components]
Página de inicio  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SM5817PL Datasheet(HTML) 3 Page - Micro Commercial Components

  SM5817PL Datasheet HTML 1Page - Micro Commercial Components SM5817PL Datasheet HTML 2Page - Micro Commercial Components SM5817PL Datasheet HTML 3Page - Micro Commercial Components SM5817PL Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SM5817PL-SM5819PL
www.mccsemi.com
Revision: L
3 of 4
2017/11/06
Micro Commercial Components
M C C
R
0
5
10
15
20
25
0.001
0.01
0.1
1
10
VR(V)
IR(mA)
FIG.
5:TYPICAL REVERSE CHARACTERISTICS
0
5
10
15
20
25
30
35
40
0.01
0.1
1
10
FIG.
6:TYPICAL REVERSE CHARACTERISTICS
SM5818PL and SM5819PL
SM5817PL
0.001
IR(mA)
VR(V)
TJ=25°C
TJ=75°C
TJ=100°C
TJ=100°C
TJ=75°C
TJ=25°C


Número de pieza similar - SM5817PL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
SM5817PL MCC-SM5817PL Datasheet
77Kb / 3P
   Schottky Barrier Diodes 20 to 40 Volts
SM5817PL MCC-SM5817PL Datasheet
245Kb / 3P
   Schottky Barrier Diodes 20 to 40 Volts
SM5817PL MCC-SM5817PL Datasheet
280Kb / 3P
   Schottky Barrier Diodes 20 to 40 Volts High-Surge-Capability
SM5817PL MCC-SM5817PL Datasheet
280Kb / 3P
   Schottky Barrier Diodes 20 to 40 Volts
SM5817PL MCC-SM5817PL_11 Datasheet
245Kb / 3P
   Schottky Barrier Diodes 20 to 40 Volts
More results

Descripción similar - SM5817PL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
SM5819PL-TP MCC-SM5819PL-TP Datasheet
280Kb / 3P
   Schottky Barrier Diodes 20 to 40 Volts
SM5817PL MCC-SM5817PL_11 Datasheet
245Kb / 3P
   Schottky Barrier Diodes 20 to 40 Volts
SM5817PL MCC-SM5817PL Datasheet
77Kb / 3P
   Schottky Barrier Diodes 20 to 40 Volts
SM5817PL MCC-SM5817PL_13 Datasheet
280Kb / 3P
   Schottky Barrier Diodes 20 to 40 Volts High-Surge-Capability
SMD22PL MCC-SMD22PL_11 Datasheet
349Kb / 3P
   Schottky Barrier Diodes 20 to 100 Volts
SMD22PL MCC-SMD22PL_17 Datasheet
234Kb / 3P
   Schottky Barrier Diodes 20 to 100 Volts
SMD22PL-TP MCC-SMD22PL-TP Datasheet
386Kb / 3P
   Schottky Barrier Diodes 20 to 100 Volts
SMD22PL MCC-SMD22PL Datasheet
162Kb / 1P
   Schottky Barrier Diodes 20 to 60 Volts
MBR4020WT MCC-MBR4020WT Datasheet
1Mb / 2P
   40 Amp Schottky Barrier Rectifier 20 to 60 Volts
1N17 MCC-1N17_11 Datasheet
679Kb / 3P
   1.0 Amp Schottky Barrier Rectifier 20 to 40 Volts
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com