Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSOP392 Datasheet(PDF) 7 Page - Vishay Siliconix

No. de pieza TSOP392
Descripción Electrónicos  0IR Receiver Modules for Remote Control Systems
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP392 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button TSOP392 Datasheet HTML 3Page - Vishay Siliconix TSOP392 Datasheet HTML 4Page - Vishay Siliconix TSOP392 Datasheet HTML 5Page - Vishay Siliconix TSOP392 Datasheet HTML 6Page - Vishay Siliconix TSOP392 Datasheet HTML 7Page - Vishay Siliconix TSOP392 Datasheet HTML 8Page - Vishay Siliconix TSOP392 Datasheet HTML 9Page - Vishay Siliconix TSOP392 Datasheet HTML 10Page - Vishay Siliconix TSOP392 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
SMD Tape and Reel
www.vishay.com
Vishay Semiconductors
Rev. 2.4, 17-Aug-17
1
Document Number: 80125
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Tape and Reel Standards for Surface-Mount IR Receiver Modules
Vishay Semiconductor surface-mount IR receivers are
packaged on tape and reel. The following specification is
based on IEC publication 286, which takes the industrial
requirements for automatic insertion into account.
Absolute maximum ratings, mechanical dimensions, optical
and electrical characteristics for taped devices are identical
to the basic catalog types and can be found in the
specifications for untaped devices.
PACKAGING
The tapes of components are available on reels. Each reel is
marked with labels which contain the following information:
- Vishay
- Type
- Group
- Tape code, normally part of type name
- Production code
- Quantity
MISSING COMPONENTS
Up to 3 consecutive components may be missing if the gap
is followed by at least 6 components. A maximum of 0.5 %
of the components per reel quantity may be missing. At least
5 empty positions are present at the start and the end of the
tape to enable tape insertion.
Tensile strength of the tape: > 15 N
NUMBER OF COMPONENTS
A. Panhead: quantity per reel:
TT, top view package, 1190 pcs
TR, side view package, 1120 pcs
B. Heimdall: quantity per reel:
TT, top view package, 2200 pcs
TR, side view package, 2300 pcs
C. Heimdall without lens: quantity per reel:
WTT, top view package, 2200 pcs
WTR, side view package, 2300 pcs
D. Belobog: quantity per reel:
TT1, top view package, 1800 pcs
TT2, top view package, 7000 pcs
E. Belobog with shield: quantity per reel:
TT1, top view package, 1500 pcs
TT2, top view package, 5000 pcs
F. Minimold DF1P: quantity per reel:
DF1P, 1100 pcs
G. TVCastSMD TR1: quantity per reel:
TR1, side view package, 2000 pcs
ORDER DESIGNATION
The type designation of the device is extended by
TT or TT1 for top view or TR for side view.
Example:
TSOP6238TR (reel packing)
TSOP75238TR (reel packing)
TSOP75338WTT (reel packing)
TSOP57438TT1 (reel packing)
TSOP57238HTT1 (reel packing)
TSOP39438TR1 (reel packing)


Número de pieza similar - TSOP392

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
TSOP392 VISHAY-TSOP392 Datasheet
212Kb / 8P
   IR Receiver Modules for Remote Control Systems
01-Jan-2023
TSOP392.. VISHAY-TSOP392.. Datasheet
212Kb / 8P
   IR Receiver Modules for Remote Control Systems
01-Jan-2023
TSOP392..TR1 VISHAY-TSOP392..TR1 Datasheet
324Kb / 12P
   IR Receiver Modules for Remote Control Systems
01-Jan-2023
TSOP39230 VISHAY-TSOP39230 Datasheet
153Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.2, 19-Aug-08
TSOP39230 VISHAY-TSOP39230 Datasheet
500Kb / 21P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 21-Feb-17
More results

Descripción similar - TSOP392

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 6, 15-Oct-2002
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP331 VISHAY-TSOP331 Datasheet
490Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP361 VISHAY-TSOP361 Datasheet
654Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP53230 VISHAY-TSOP53230 Datasheet
479Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.0, 13-Mar-12
TSOP352 VISHAY-TSOP352 Datasheet
323Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 03-Sep-13
TSOP773 VISHAY-TSOP773 Datasheet
297Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.4, 22-Jul-16
TSOP77230W VISHAY-TSOP77230W Datasheet
336Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 13-Sep-17
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 31-Jan-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com