Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NJM2737 Datasheet(PDF) 10 Page - New Japan Radio

No. de Pieza. NJM2737
Descripción  Low Noise Low Supply Voltage Dual Operational Amplifier with Full Swing Input and Output
Descarga  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NJRC [New Japan Radio]
Página de inicio  http://www.njr.co.jp/index_e.htm
Logo 

NJM2737 Datasheet(HTML) 10 Page - New Japan Radio

 
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
-10-
NJM2737
Ver.2004-02-24
Positive Transient Response
V
+/V-=0.9V,GV=0dB,f=10kHz,V
IN=0.5VPP
RS=50Ω,RL=2kΩ,CL=0pF,Ta=+25°C
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
-2
-1
01234
Time[µs/DIV.]
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
INPUT
OUTPUT
Negative Transient Response
V
+/V-=0.9V,GV=0dB,f=10kHz,V
IN=0.5VPP
RS=50Ω,RL=2kΩ,CL=0pF,Ta=+25°C
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
48
49
50
51
52
53
54
Time[µs/DIV.]
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
INPUT
OUTPUT
Positive Transient Response
V
+/V-=1.5V,GV=0dB,f=10kHz,V
IN=1VPP
RS=50Ω,RL=2kΩ,CL=0pF,Ta=+25°C
-0.8
-0.4
0.0
0.4
0.8
1.2
1.6
2.0
-2
-1
01234
Time[µs/DIV.]
-2.0
-1.6
-1.2
-0.8
-0.4
0.0
0.4
0.8
INPUT
OUTPUT
[CAUTION]
The specifications on this databook are only
given for information , without any guarantee
as regards either mistakes or omissions. The
application circuits in this databook are
described only to show representative usages
of the product and not intended for the
guarantee or permission of any right including
the industrial rights.
Negative Transient Response
V
+/V-=1.5V,GV=0dB,f=10kHz,V
IN=1VPP
RS=50Ω,RL=2kΩ,CL=0pF,Ta=+25°C
-0.8
-0.4
0.0
0.4
0.8
1.2
1.6
2.0
48
49
50
51
52
53
54
Time[µs/DIV.]
-2.0
-1.6
-1.2
-0.8
-0.4
0.0
0.4
0.8
INPUT
OUTPUT


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn