Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NJM2737 Datasheet(PDF) 2 Page - New Japan Radio

No. de Pieza. NJM2737
Descripción  Low Noise Low Supply Voltage Dual Operational Amplifier with Full Swing Input and Output
Descarga  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NJRC [New Japan Radio]
Página de inicio  http://www.njr.co.jp/index_e.htm
Logo 

NJM2737 Datasheet(HTML) 2 Page - New Japan Radio

 
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
-2-
NJM2737
Ver.2004-02-24
s ABSOLUTE MAXIMUM RATINGS
(Ta=25°C)
(Note1)
If the supply voltage ( V
+) is less than 7V, the input voltage must not over the V+ level through 7V is limit specified.
s RECOMMENDED OPERATING CONDITION
(Ta=25°C)
s ELECTRICAL CHARACTERISTICS
q DC CHARACTERISTICS
(V
+=5V,Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Operating Current
ICC
NoSignal
-
1200
1600
µA
Input Offset Voltage
VIO
-
1
5
mV
Input Bias Current
IB
-
200
800
nA
Input Offset Current
IIO
-
5
100
nA
Voltage Gain
AV
RL=2k
60
85
-
dB
Common Mode Rejection Ratio
CMR
CMR+:2.5V
≤V
CM
≤5.0V,
CMR-: 0
≤V
CM
≤2.5V(Note2)
55
70
-
dB
Supply Voltage Rejection Ratio
SVR
V
+/GND =
±2.0 to ±3.0V
70
85
-
dB
VOH1
RL=20k
4.9
4.95
-
Maximum Output Voltage1
VOL1
RL=20k
-
0.05
0.1
V
VOH2
RL=2k
4.75
4.85
-
Maximum Output Voltage 2
VOL2
RL=2k
-
0.15
0.25
V
Input
Common
Mode
Voltage
Range
VICM
CMR>55dB
0
-
5
V
(Note2) CMR is represented by either CMR+ or CMR- which has lower value.
CMR+ is measured with 2.5V
≤V
CM
≤5V and CMR- is measured with 0V≤ V
CM
≤ 2.5V .
q AC CHARACTERISTICS
(V
+=5V, Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Unity Gain Bandwidth
fT
RL=2k
-
3.1
-
MHz
Phase Margin
Φ
M
RL=2k
-
85
-
Deg
Equivalent Input Noise Voltage
VNI
f=1kHz
-
5
-
nV/
√Hz
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V
+
7.0
V
Differential Input Voltage
VID
±1.0
V
Input Common Mode Voltage
Range
VICM
0 to 7.0
V
Power Dissipation
PD
500(DIP8)
300(DMP8)
250(SSOP8)
320(TVSP8)
mW
Operating Temperature Range
Topr
-40 to +85
°C
Storage Temperature Range
Tstg
-40 to +125
°C
PARAMETER
SYMBOL
RATING
UNIT
Supply Voltage
V
+
1.8 to 6.0
V


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn