Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NJM2737 Datasheet(PDF) 3 Page - New Japan Radio

No. de Pieza. NJM2737
Descripción  Low Noise Low Supply Voltage Dual Operational Amplifier with Full Swing Input and Output
Descarga  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NJRC [New Japan Radio]
Página de inicio  http://www.njr.co.jp/index_e.htm
Logo 

NJM2737 Datasheet(HTML) 3 Page - New Japan Radio

 
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
-3-
NJM2737
Ver.2004-02-24
q TRANSIENT CHARACTERISTICS
(V
+=5V, Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Slew Rate
SR
RL=2k
-
0.7
-
V/µs
q DC CHARACTERISTICS
(V
+=3V,Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Operating Current
ICC
NoSignal
-
1000
1500
µA
Input Offset Voltage
VIO
-
1
5
mV
Input Bias Current
IB
-
200
800
nA
Input Offset Current
IIO
-
5
100
nA
Voltage Gain
AV
RL=2k
60
85
-
dB
Common Mode Rejection Ratio
CMR
CMR+:1.5V
≤V
CM
≤3.0V,
CMR-: 0
≤V
CM
≤1.5V(Note3)
48
63
-
dB
Supply Voltage Rejection Ratio
SVR
V
+/GND =
±1.2 to ±2.0V
68
83
-
dB
VOH1
RL=20k
2.9
2.95
-
Maximum Output Voltage1
VOL1
RL=20k
-
0.05
0.1
V
VOH2
RL=2k
2.75
2.85
-
Maximum Output Voltage 2
VOL2
RL=2k
-
0.15
0.25
V
Input
Common
Mode
Voltage
Range
VICM
CMR>48dB
0
-
3
V
(Note3) CMR is represented by either CMR+ or CMR- which has lower value.
CMR+ is measured with 1.5V
≤V
CM
≤3V and CMR- is measured with 0V≤ V
CM
≤ 1.5V .
q AC CHARACTERISTICS
(V
+=3V, Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Unity Gain Bandwidth
fT
RL=2k
-
2.6
-
MHz
Phase Margin
Φ
M
RL=2k
-
85
-
Deg
Equivalent Input Noise Voltage
VNI
f=1kHz
-
5
-
nV/
√Hz
q TRANSIENT CHARACTERISTICS
(V
+=3V, Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Slew Rate
SR
RL=2k
-
0.6
-
V/µs


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn