Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NJM2737 Datasheet(PDF) 8 Page - New Japan Radio

No. de Pieza. NJM2737
Descripción  Low Noise Low Supply Voltage Dual Operational Amplifier with Full Swing Input and Output
Descarga  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NJRC [New Japan Radio]
Página de inicio  http://www.njr.co.jp/index_e.htm
Logo 

NJM2737 Datasheet(HTML) 8 Page - New Japan Radio

 
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
-8-
NJM2737
Ver.2004-02-24
Output Voltage vs. Output Current
V
+/V-=0.9V,OPEN LOOP
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
0.1
1
10
100
Output Current[mA]
Ta=+85°C
Ta=-40°C
Ta=+25°C
ISINK
ISOURCE
Ta=+85°C
Ta=-40°C
Ta=+25°C
Output Voltage vs. Output Current
V
+/V-=2.5V,OPEN LOOP
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
0.1
1
10
100
Output Current[mA]
Ta=+85°C
Ta=-40°C
Ta=+25°C
ISINK
ISOURCE
Ta=-40°C
Ta=+25°C
Ta=+85°C
Voltage Gain, Phase vs. Frequency
V
+/V-=0.9V,GV=40dB
RF=20Ω,RG=2kΩ,CL=0pF
-60
-40
-20
0
20
40
60
1.E+03 1.E+04 1.E+05 1.E+06 1.E+07 1.E+08
Frequency[Hz]
-180
-120
-60
0
60
120
180
Gain
Phase
Ta=-40°C
Ta=+25°C
Ta=+85°C
Ta=+85°C
Ta=+25°C
Ta=-40°C
Voltage Gain, Phase vs. Frequency
V
+/V-=1.5V,GV=40dB
RF=20Ω,RG=2kΩ,CL=0pF
-60
-40
-20
0
20
40
60
1.E+03 1.E+04 1.E+05 1.E+06 1.E+07 1.E+08
Frequency[Hz]
-180
-120
-60
0
60
120
180
Gain
Phase
Ta=-40°C
Ta=+25°
Ta=+85°C
Ta=+85°C
Ta=+25°
Ta=-40°C
Voltage Gain, Phase vs. Frequency
V
+/V-=2.5V,GV=40dB
RF=20Ω,RG=2kΩ,CL=0pF
-60
-40
-20
0
20
40
60
1.E+03 1.E+04 1.E+05 1.E+06 1.E+07 1.E+08
Frequency[Hz]
-180
-120
-60
0
60
120
180
Gain
Phase
Ta=-40°C
Ta=+85°C
Ta=+25°C
Ta=+85°C
Ta=+25°C
Ta=-40°C
Peak Gain of Voltege Follower
V
+/V-=2.5V,GV=0dB
RS=50Ω,RL=2kΩ,Ta=+25°C
-10
-8
-6
-4
-2
0
2
4
6
8
10
1.E+04
1.E+05
1.E+06
1.E+07
1.E+08
Frequency[Hz]
CL=2.2nF
CL=1nF
CL=470pF
CL=220pF
CL=100pF
CL=0pF


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn