Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NJM2737 Datasheet(PDF) 9 Page - New Japan Radio

No. de Pieza. NJM2737
Descripción  Low Noise Low Supply Voltage Dual Operational Amplifier with Full Swing Input and Output
Descarga  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NJRC [New Japan Radio]
Página de inicio  http://www.njr.co.jp/index_e.htm
Logo 

NJM2737 Datasheet(HTML) 9 Page - New Japan Radio

 
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
-9-
NJM2737
Ver.2004-02-24
Input Voltage Noise Density vs. Frequency
GV=40dB,RS=50Ω,RG=20Ω,
RF=2kΩ,CL=0pF,Ta=25°C
0
5
10
15
20
1
10
100
1000
10000
100000
Frequency[Hz]
V
+/V-=±0.9V
V
+/V-=±1.5V
V
+/V-=±2.5V
TOTAL HARMONIC DISTORTION + NOISE
vs OUTPUT AMPLITUDE
(Voltage Follower)
NJM2737,V
+/V-=2.5V,G
V=0dB
RL=2kΩ,Ta=25°C
0.0001
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
Output Amplitude [Vrms]
10kHz
1kHz
100Hz
TOTAL HARMONIC DISTORTION + NOISE
vs OUTPUT AMPLITUDE
(
××××10 Amplifier)
NJM2737,V
+/V-=2.5V,G
V=20dB
RL=2kΩ,Ta=25°C
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
10
Output Amplitude [Vrms]
10kHz
1kHz
100Hz


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn