Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CBR04C669B5GAC Datasheet(PDF) 1 Page - Kemet Corporation

No. de pieza CBR04C669B5GAC
Descripción Electrónicos  CBR-SMD RF C0G, Ceramic, High Q, 6.6 pF, /-0.1 pF, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEMET [Kemet Corporation]
Página de inicio  http://www.kemet.com
Logo KEMET - Kemet Corporation

CBR04C669B5GAC Datasheet(HTML) 1 Page - Kemet Corporation

  CBR04C669B5GAC Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 10/24/2017 - 47e23ec2-3e23-4fc3-8ed8-5aa2156f17db
KEMET Part Number: CBR04C669B5GAC
CBR-SMD RF C0G, Ceramic, High Q, 6.6 pF, +/-0.1 pF, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
Dimensions
L
1mm +/-0.05mm
W
0.5mm +/-0.05mm
T
0.5mm +/-0.05mm
B
0.25mm +0.05/-0.1mm
Packaging Specifications
Packaging: T&R, 180mm, Plastic Tape
Packaging Quantity: 10000
General Information
Supplier: KEMET
Series: CBR-SMD RF C0G
Style: SMD Chip
Chip Size: 0402
Description: SMD, Fixed, RF, Ultra High Q,
Low ESR, Class I
Features: Ultra High Q, Low ESR, Class I
RoHS: Yes
Termination: Tin
Marking: No
Miscellaneous: Minimum Q = 932
Notes: Solder Reflow Only
Specifications
Capacitance: 6.6 pF
Capacitance Tolerance: +/-0.1 pF
Voltage DC: 50 VDC
Dielectric Withstanding
Voltage: 125 V
Temperature Range: -55/+125C
Temperature Coefficient: C0G
Dissipation Factor: 0.188%
Aging Rate: 0% Loss/Decade Hour
Insulation Resistance: 10 GOhms
Quality Factor: 932
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Número de pieza similar - CBR04C669B5GAC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kemet Corporation
CBR04C609B1GAC KEMET-CBR04C609B1GAC Datasheet
59Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 6 pF, /-0.1 pF, 100 VDC, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I, 0402
CBR04C609B5GAC KEMET-CBR04C609B5GAC Datasheet
71Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 6 pF, /-0.1 pF, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR04C619B5GAC KEMET-CBR04C619B5GAC Datasheet
71Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 6.1 pF, /-0.1 pF, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR04C629B5GAC KEMET-CBR04C629B5GAC Datasheet
72Kb / 1P
   Ceramic, High Q, Microwave (CBR), 6.2 pF, /-0.1 pF, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR04C639B5GAC KEMET-CBR04C639B5GAC Datasheet
72Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 6.3 pF, /-0.1 pF, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
More results

Descripción similar - CBR04C669B5GAC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kemet Corporation
CBR02C669B5GAC KEMET-CBR02C669B5GAC Datasheet
72Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 6.6 pF, /-0.1 pF, 50 V, 0201, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR04C219B5GAC KEMET-CBR04C219B5GAC Datasheet
71Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 2.1 pF, /-0.1 pF, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR04C639B5GAC KEMET-CBR04C639B5GAC Datasheet
72Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 6.3 pF, /-0.1 pF, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR04C808B5GAC KEMET-CBR04C808B5GAC Datasheet
71Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 0.8 pF, /-0.1 pF, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR04C309B5GAC KEMET-CBR04C309B5GAC Datasheet
71Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 3 pF, /-0.1 pF, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR04C389B5GAC KEMET-CBR04C389B5GAC Datasheet
72Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 3.8 pF, /-0.1 pF, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR04C949B5GAC KEMET-CBR04C949B5GAC Datasheet
71Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 9.4 pF, /-0.1 pF, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR04C679B5GAC KEMET-CBR04C679B5GAC Datasheet
72Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 6.7 pF, /-0.1 pF, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR04C929B5GAC KEMET-CBR04C929B5GAC Datasheet
71Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 9.2 pF, /-0.1 pF, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR04C149B5GAC KEMET-CBR04C149B5GAC Datasheet
71Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 1.4 pF, /-0.1 pF, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com