Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KIA78R015F Datasheet(PDF) 1 Page - KEC(Korea Electronics)

No. de pieza KIA78R015F
Descripción Electrónicos  SEMICONDUCTOR TECHNICAL DATA
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEC [KEC(Korea Electronics)]
Página de inicio  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78R015F Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIA78R015F Datasheet HTML 1Page - KEC(Korea Electronics) KIA78R015F Datasheet HTML 2Page - KEC(Korea Electronics) KIA78R015F Datasheet HTML 3Page - KEC(Korea Electronics) KIA78R015F Datasheet HTML 4Page - KEC(Korea Electronics) KIA78R015F Datasheet HTML 5Page - KEC(Korea Electronics) KIA78R015F Datasheet HTML 6Page - KEC(Korea Electronics) KIA78R015F Datasheet HTML 7Page - KEC(Korea Electronics) KIA78R015F Datasheet HTML 8Page - KEC(Korea Electronics) KIA78R015F Datasheet HTML 9Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2005. 11. 8
1/10
SEMICONDUCTOR
TECHNICAL DATA
KIA78R000F/PI~
KIA78R050F/PI
BIPOLAR LINEAR INTEGRATED CIRCUIT
Revision No : 3
4 ,5 TERMINAL LOW DROP VOLTAGE REGULATOR
[Low Quiescent Current-Type]
The KIA78R
F/PI Series are Low Dropout Voltage
Regulator suitable for various electronic equipments.
The Regulator has multi function such as over current protection,
overheat protection.
FEATURES
1.0A Output Low Drop Voltage Regulator.
Built in ON/OFF Control Terminal. (Active High)
Built in Over Current Protection, Over Heat Protection Function.
Low Quiescent Current (Output OFF mode) : 0.5 A(Typ.)
Low Standby Current : 800 A(Typ.)
A
L
D
M
12
34
1
2
3
4
INPUT (V
)
OUTPUT (V )
GND
ON/OFF CONTROL (VC)
IN
O
DIM MILLIMETERS
TO-220IS-4
10.00 0.20
15.00 0.20
2.70 0.20
0.60 0.10
Φ3.20 0.20
3.50 0.10
A
B
C
D
E
F
G
15.70 0.20
0.40 0.10
H
14.3+0.2/-0.1
1.45 0.10
1.00 0.10
2.54
4.50 0.20
7.5 0.1
1.50 0.10
J
K
L
M
N
O
P
S
R
8
5
C
E
H
L
V
V
U
T
K
O
R
S
P
+
_
+
_
+
_
1.30 0.1
3-1.00 0.1
1.30 0.1
T
U
V
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
/ ADJUSTABLE
LINE UP
ITEM
OUTPUT VOLTAGE (V)
PACKAGE
KIA78R000F/PI
Adjustable (1.25~15V)
F : DPAK-5
PI : TO-220IS-4
KIA78R015F/PI
1.5
KIA78R018F/PI
1.8
KIA78R020F/PI
2.0
KIA78R025F/PI
2.5
KIA78R030F/PI
3.0
KIA78R033F/PI
3.3
KIA78R050F/PI
5.0
DPAK-5
DIM
MILLIMETERS
A
B
C
D
E
I
6.6 0.2
6.1 0.2
5.0 0.2
1.10 0.2
2.70 0.2
1.27 0.1
0.5+0.2/-0.1
2.30 0.2
0.5 0.1
0.50 0.1
0.8 0.2
0.7MIN
0 ~0.25
C
A
F
H
I
J
L
P
N
F
H
J
L
M
N
O
1.00 0.1
P
1
INPUT (V
)
IN
ON/OFF CONTROL (V )
2
C
OUTPUT (V )
3
O
N.C / ADJUSTABLE
4
GND
5
12
34
5
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
Heat Sink is common to
(GND)
5
MAXIMUM RATINGS (Ta=25
)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Input Voltage
VIN
16
V
ON/OFF Control Voltage
VC
16
V
Output Current
IOUT
1
A
Power Dissipation 1
(No heatsink)
F
PD1
1.3
W
PI
1.5
Power Dissipation 2
(Infinite heatsink)
F
PD2
13
W
PI
15
Junction Temperature
Tj
150
Operating Temperature
Topr
-20
80
Storage Temperature
Tstg
-30
150
Soldering Temperature
Tsol
260


Número de pieza similar - KIA78R015F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KIA78R015F/PI KEC-KIA78R015F/PI Datasheet
103Kb / 10P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78R015F/PI KEC-KIA78R015F/PI Datasheet
108Kb / 10P
   SEMICONDUCTOR
KIA78R015FP KEC-KIA78R015FP Datasheet
499Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

Descripción similar - KIA78R015F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KGT15N120KDA KEC-KGT15N120KDA Datasheet
1Mb / 8P
   SEMICONDUCTOR TECHNICAL DATA
KGT25N120KDA KEC-KGT25N120KDA Datasheet
567Kb / 8P
   SEMICONDUCTOR TECHNICAL DATA
KGH15N120NDA KEC-KGH15N120NDA Datasheet
64Kb / 6P
   SEMICONDUCTOR TECHNICAL DATA
logo
Leshan Radio Company
BZX84C2V4LT1 LRC-BZX84C2V4LT1 Datasheet
171Kb / 5P
   SEMICONDUCTOR(TECHNICAL DATA)
logo
KEC(Korea Electronics)
KIA78R015PI KEC-KIA78R015PI Datasheet
108Kb / 10P
   SEMICONDUCTOR TECHNICAL DATA
A393F KEC-A393F Datasheet
67Kb / 3P
   SEMICONDUCTOR TECHNICAL DATA
Revision No : 0
logo
Motorola, Inc
MRF372 MOTOROLA-MRF372 Datasheet
528Kb / 12P
   SEMICONDUCTOR TECHNICAL DATA
logo
KEC(Korea Electronics)
SMFZ4.3V-36V KEC-SMFZ4.3V-36V Datasheet
47Kb / 2P
   SEMICONDUCTOR TECHNICAL DATA
KGT15N120NDA KEC-KGT15N120NDA Datasheet
101Kb / 6P
   SEMICONDUCTOR TECHNICAL DATA
KIC9256 KEC-KIC9256 Datasheet
707Kb / 29P
   SEMICONDUCTOR TECHNICAL DATA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com