Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ML348S-12RU Datasheet(PDF) 1 Page - MicroPower Direct, LLC |
|
ML348S-12RU Datasheet(HTML) 1 Page - MicroPower Direct, LLC |
1 / 2 page Key Features: • 3W Output Power • Ultra-Compact SMT Case • Wide 4:1 Input • 1,500 VDC Isolation • Single & Dual Outputs • -40ºC to +80ºC Operation • 16 Standard Models • Tight Line/Load Regulation • Available on Tape/Reel ML300RU Ultra-Compact, 3W Wide 4:1 Input, SMT DC/DC Converters Series Input Parameter Conditions Min. Typ. Max. Units Input Voltage Range 24 VDC Input 9.0 24.0 36.0 VDC 48 VDC Input 18.0 48.0 75.0 Start Up Voltage 24 VDC Input 4.5 6.0 8.5 VDC 48 VDC Input 8.5 12.0 17.0 Under Voltage Shutdown 24 VDC Input 8.0 VDC 48 VDC Input 16.0 Short Circuit Input Power 2,000 mW Input Filter (Pi) Filter - Meets EN 55022 Class A Output Parameter Conditions Min. Typ. Max. Units Output Voltage Accuracy ±2.0 % Output Voltage Balance Dual Output, Balanced Loads ±1.0 ±2.0 Line Regulation For VIN = Min to Max ±0.5 ±1.0 % Load Regulation For IOUT = 15% to 100% ±0.5 ±1.2 % Ripple & Noise (20 MHz) See Note 2 50 100 mV P - P Transient Response Time, See Note 3 25% Load Step Change 300 600 µS Transient Response Deviation ±3 % Temperature Coefficient ±0.01 ±0.02 %/ºC Overload Protection Foldback Type 110 150 % Output Short Circuit Continuous (Autorecovery) General Parameter Conditions Min. Typ. Max. Units Isolation Voltage 60 Seconds 1,500 VDC Isolation Resistance 500 VDC 1,000 M Isolation Capacitance 100 kHz, 1V 350 500 pF Switching Frequency 350 kHz Remote On/Off, See Note 4 Parameter Conditions Min. Typ. Max. Units Supply On 2.5 5.5 VDC Supply Off -0.7 0.8 VDC Standby Input Current 5mA Control Common Referenced to Negative Input (pin 1) Environmental Parameter Conditions Min. Typ. Max. Units Operating Temperature Range Ambient -40 +80 ºC Maximum Case Temperature Case +105 ºC Storage Temperature Range -50 +125 ºC Cooling Free Air Convection Humidity RH, Non-condensing 95 % Physical Case Size See Mechanical Drawing (Page 2) Case Material Non-Conductive Black Plastic (UL94-V0) Weight 0.14 Oz (4.2g) Reliability Specifications Parameter Conditions Min. Typ. Max. Units MTBF MIL HDBK 217F, 25ºC, Gnd Benign 300 kHours Shock & Vibration A random waveform 1~200 Hz/0.52 Grms, 30 min. on each axis (X, Y, Z) and 2~300 Hz/1.05 Grms, 30 min. on each axis (X, Y, and Z) Moisture Sensitivity Level (MSL) IPC/JEDEC J-STD-020D.1 Level 2 Absolute Maximum Ratings Parameter Conditions Min. Typ. Max. Units Input Voltage Surge (1 Sec) 24 VDC Input 50.0 VDC 48 VDC Input 100.0 Peak Reflow Temperature See Note 5 245 ºC Lead Temperature 1.5 mm From Case For 10 Sec. 260 ºC Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings. Electrical Specifications Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice. MicroPower Direct 292 Page Street Suite D Stoughton, MA 02072 USA T: (781) 344-8226 F: (781) 344-8481 E: sales@micropowerdirect.com W: www.micropowerdirect.com www.micropowerdirect.com |
Número de pieza similar - ML348S-12RU |
|
Descripción similar - ML348S-12RU |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |