Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML348S-15RU Datasheet(PDF) 1 Page - MicroPower Direct, LLC

No. de pieza ML348S-15RU
Descripción Electrónicos  Ultra-Compact, 3W Wide 4:1 Input, SMT DC/DC Con vert ers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPD [MicroPower Direct, LLC]
Página de inicio  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

ML348S-15RU Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  ML348S-15RU Datasheet HTML 1Page - MicroPower Direct, LLC ML348S-15RU Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key Features:
3W Output Power
Ultra-Compact SMT Case
Wide 4:1 Input
1,500 VDC Isolation
Single & Dual Outputs
-40ºC to +80ºC Operation
16 Standard Models
Tight Line/Load Regulation
Available on Tape/Reel
ML300RU
Ultra-Compact, 3W
Wide 4:1 Input, SMT
DC/DC Converters
Series
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
24 VDC Input
9.0
24.0
36.0
VDC
48 VDC Input
18.0
48.0
75.0
Start Up Voltage
24 VDC Input
4.5
6.0
8.5
VDC
48 VDC Input
8.5
12.0
17.0
Under Voltage Shutdown
24 VDC Input
8.0
VDC
48 VDC Input
16.0
Short Circuit Input Power
2,000
mW
Input Filter
(Pi) Filter - Meets EN 55022 Class A
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±2.0
%
Output Voltage Balance
Dual Output, Balanced Loads
±1.0
±2.0
Line Regulation
For VIN = Min to Max
±0.5
±1.0
%
Load Regulation
For IOUT = 15% to 100%
±0.5
±1.2
%
Ripple & Noise (20 MHz)
See Note 2
50
100
mV P - P
Transient Response Time, See Note 3
25% Load Step Change
300
600
µS
Transient Response Deviation
±3
%
Temperature Coefficient
±0.01
±0.02
%/ºC
Overload Protection
Foldback Type
110
150
%
Output Short Circuit
Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
1,500
VDC
Isolation Resistance
500 VDC
1,000
M
Isolation Capacitance
100 kHz, 1V
350
500
pF
Switching Frequency
350
kHz
Remote On/Off, See Note 4
Parameter
Conditions
Min.
Typ.
Max.
Units
Supply On
2.5
5.5
VDC
Supply Off
-0.7
0.8
VDC
Standby Input Current
5mA
Control Common
Referenced to Negative Input (pin 1)
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+80
ºC
Maximum Case Temperature
Case
+105
ºC
Storage Temperature Range
-50
+125
ºC
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
See Mechanical Drawing (Page 2)
Case Material
Non-Conductive Black Plastic (UL94-V0)
Weight
0.14 Oz (4.2g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25ºC, Gnd Benign
300
kHours
Shock & Vibration
A random waveform 1~200 Hz/0.52 Grms, 30 min. on each axis
(X, Y, Z) and 2~300 Hz/1.05 Grms, 30 min. on each axis (X, Y, and Z)
Moisture Sensitivity Level (MSL)
IPC/JEDEC J-STD-020D.1
Level 2
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
24 VDC Input
50.0
VDC
48 VDC Input
100.0
Peak Reflow Temperature
See Note 5
245
ºC
Lead Temperature
1.5 mm From Case For 10 Sec.
260
ºC
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
www.micropowerdirect.com


Número de pieza similar - ML348S-15RU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MicroPower Direct, LLC
ML348S-15ERW MPD-ML348S-15ERW Datasheet
897Kb / 4P
   Low Cost, 3W SMT 2:1 Input Range DC/DC Converters
More results

Descripción similar - ML348S-15RU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MicroPower Direct, LLC
ML100RW MPD-ML100RW Datasheet
419Kb / 2P
   Ultra-Compact, 1W Wide 2:1 Input, SMT DC/DC Con vert ers
MA300ERU MPD-MA300ERU Datasheet
1Mb / 4P
   Wide 4:1 Input, 3W Single Output DIP DC/DC Con vert ers
MR08XXRUI MPD-MR08XXRUI Datasheet
569Kb / 2P
   Ultra-Wide Input, 8W Compact DIP, Railway DC/DC Con vert ers
MI2500RU MPD-MI2500RU Datasheet
805Kb / 4P
   Compact, 25W, 4:1 Input Range DC/DC Con vert ers
MG600RU MPD-MG600RU Datasheet
462Kb / 2P
   Compact, 6W 4:1 Input, MiniDIP DC/DC Con vert ers
MPV1560RI4 MPD-MPV1560RI4 Datasheet
603Kb / 5P
   Ultra Wide Input, Compact Industrial Grade, PV Power DC/DC Con vert ers
MPV1060RI4 MPD-MPV1060RI4 Datasheet
563Kb / 5P
   Ultra Wide Input, Compact Industrial Grade, PV Power DC/DC Con vert ers
MF3000TERU MPD-MF3000TERU Datasheet
1Mb / 4P
   Wide 4:1 Input 30W Triple Output DC/DC Con vert ers
MA300MRURI4 MPD-MA300MRURI4 Datasheet
366Kb / 3P
   EN 60601 Approved 4:1 Input, 3W DIP, DC/DC Con vert ers
MHI200LRI8 MPD-MHI200LRI8 Datasheet
552Kb / 2P
   Compact, 2W SMT Ultra-High Isolation DC/DC Con vert ers
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com