Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVC38A Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza 74LVC38A
Descripción Electrónicos  Quad 2-input NAND gate (open drain)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC38A Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVC38A Datasheet HTML 3Page - NXP Semiconductors 74LVC38A Datasheet HTML 4Page - NXP Semiconductors 74LVC38A Datasheet HTML 5Page - NXP Semiconductors 74LVC38A Datasheet HTML 6Page - NXP Semiconductors 74LVC38A Datasheet HTML 7Page - NXP Semiconductors 74LVC38A Datasheet HTML 8Page - NXP Semiconductors 74LVC38A Datasheet HTML 9Page - NXP Semiconductors 74LVC38A Datasheet HTML 10Page - NXP Semiconductors 74LVC38A Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
2004 Mar 22
7
Philips Semiconductors
Product specification
Quad 2-input NAND gate (open drain)
74LVC38A
AC CHARACTERISTICS
GND = 0 V; tr =tf ≤ 2.5 ns.
Notes
1. All typical values are measured at Tamb =25 °C.
2. These typical values are measured at VCC = 3.3 V.
3. Skew between any two outputs of the same package switching in the same direction. This parameter is guaranteed
by design.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP
MAX.
UNIT
WAVEFORMS
VCC (V)
Tamb = −40 to +85 °C; note 1
tPZL
propagation delay nA, nB to nY
see Figs 6 and 7
1.2
5.7
ns
2.7
0.5
1.7
2.9
ns
3.0 to 3.6
0.5
1.7(2)
3.0
ns
tPLZ
propagation delay nA, nB to nY
see Figs 6 and 7
1.2
4.8
ns
2.7
1.0
2.6
3.8
ns
3.0 to 3.6
1.0
2.3(2)
3.6
ns
tsk(0)
skew
note 3
−−
1.0
ns
Tamb = −40 to +125 °C
tPZL
propagation delay nA, nB to nY
see Figs 6 and 7
1.2
−−−
ns
2.7
0.5
4.0
ns
3.0 to 3.6
0.5
4.0
ns
tPLZ
propagation delay nA, nB to nY
see Figs 6 and 7
1.2
−−−
ns
2.7
1.0
5.0
ns
3.0 to 3.6
1.0
4.5
ns
tsk(0)
skew
note 3
−−
1.5
ns


Número de pieza similar - 74LVC38A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74LVC30A NEXPERIA-74LVC30A Datasheet
226Kb / 13P
   8-input NAND gate
74LVC30ABQ NEXPERIA-74LVC30ABQ Datasheet
226Kb / 13P
   8-input NAND gate
74LVC30AD NEXPERIA-74LVC30AD Datasheet
226Kb / 13P
   8-input NAND gate
74LVC30APW NEXPERIA-74LVC30APW Datasheet
226Kb / 13P
   8-input NAND gate
logo
NXP Semiconductors
74LVC322244A PHILIPS-74LVC322244A Datasheet
77Kb / 16P
   32-bit buffer/line driver; with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
1999 Aug 31
More results

Descripción similar - 74LVC38A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
74VHC03 STMICROELECTRONICS-74VHC03 Datasheet
54Kb / 7P
   QUAD 2-INPUT OPEN DRAIN NAND GATE
June 1999
logo
Toshiba Semiconductor
TC74HC03AP TOSHIBA-TC74HC03AP_12 Datasheet
208Kb / 7P
   Quad 2-Input NAND Gate (open drain)
TC74VHC03F TOSHIBA-TC74VHC03F_07 Datasheet
276Kb / 9P
   Quad 2-Input NAND Gate (open drain)
logo
National Semiconductor ...
MM74HCT03 NSC-MM74HCT03 Datasheet
113Kb / 4P
   Quad 2-Input NAND Gate (Open Drain)
logo
STMicroelectronics
74VHCT03A STMICROELECTRONICS-74VHCT03A Datasheet
158Kb / 8P
   QUAD 2-INPUT OPEN DRAIN NAND GATE
June 2001
M54HC03 STMICROELECTRONICS-M54HC03 Datasheet
232Kb / 9P
   QUAD 2-INPUT OPEN DRAIN NAND GATE
January 1993
74VHC03 STMICROELECTRONICS-74VHC03_04 Datasheet
232Kb / 11P
   QUAD 2-INPUT OPEN DRAIN NAND GATE
logo
Toshiba Semiconductor
TC74VHC03F TOSHIBA-TC74VHC03F_12 Datasheet
245Kb / 8P
   Quad 2-Input NAND Gate (open drain)
logo
STMicroelectronics
M74HC03 STMICROELECTRONICS-M74HC03 Datasheet
179Kb / 8P
   QUAD 2-INPUT OPEN DRAIN NAND GATE
74VHCT03A STMICROELECTRONICS-74VHCT03A_04 Datasheet
223Kb / 11P
   QUAD 2-INPUT OPEN DRAIN NAND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com