Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8341ACPZ-WP1 Datasheet(PDF) 11 Page - Analog Devices

No. de pieza AD8341ACPZ-WP1
Descripción Electrónicos  1.5 GHz to 2.4 GHz RF Vector Modulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8341ACPZ-WP1 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8341ACPZ-WP1 Datasheet HTML 7Page - Analog Devices AD8341ACPZ-WP1 Datasheet HTML 8Page - Analog Devices AD8341ACPZ-WP1 Datasheet HTML 9Page - Analog Devices AD8341ACPZ-WP1 Datasheet HTML 10Page - Analog Devices AD8341ACPZ-WP1 Datasheet HTML 11Page - Analog Devices AD8341ACPZ-WP1 Datasheet HTML 12Page - Analog Devices AD8341ACPZ-WP1 Datasheet HTML 13Page - Analog Devices AD8341ACPZ-WP1 Datasheet HTML 14Page - Analog Devices AD8341ACPZ-WP1 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD8341
Rev. 0 | Page 11 of 20
I-Q ATTENUATORS AND BASEBAND AMPLIFIERS
The proprietary linear-responding attenuator structure is an
active solution with differential inputs and outputs that offer
excellent linearity, low noise, and greater immunity from mis-
matches than other variable attenuator methods. The gain, in
linear terms, of the I and Q channels is proportional to its control
voltage with a scaling factor designed to be 2/V, i.e., a full-scale
gain setpoint of 1.0 (−4.5 dB) for a VBBI (or a VBBQ) of 500 mV. The
control voltages can be driven differentially or single-ended. The
combination of the baseband amplifiers and attenuators allows
for maximum modulation bandwidths in excess of 200 MHz.
OUTPUT AMPLIFIER
The output amplifier accepts the sum of the attenuator outputs
and delivers a differential output signal into the external load.
The output pins must be pulled up to an external supply,
preferably through RF chokes. When the 50 Ω load is taken
differentially, an output P1dB and IP3 of 8.5 dBm and 17.5 dBm
is achieved, respectively, at 1.9 GHz. The output can be taken in
single-ended fashion, albeit at lower performance levels.
NOISE AND DISTORTION
The output noise floor and distortion levels vary with the gain
magnitude but do not vary significantly with the phase. At the
higher gain magnitude setpoints, the OIP3 and the noise floor
vary in direct proportion with the gain. At lower gain magni-
tude setpoints, the noise floor levels off while the OIP3
continues to vary with the gain.
GAIN AND PHASE ACCURACY
There are numerous ways to express the accuracy of the
AD8341. Ideally, the gain and phase should precisely follow the
setpoints. Figure 4 illustrates the gain error in dB from a best fit
line, normalized to the gain measured at the gain setpoint = 1.0,
for the different phase setpoints. Figure 6 shows the gain error
in a different form, normalized to the gain measured at phase
setpoint = 0°; the phase setpoint is swept from 0° to 360° for
different gain setpoints. Figure 8 and Figure 22 show analogous
errors for the phase error as a function of gain and phase
setpoints. The accuracy clearly depends on the region of opera-
tion within the vector gain unit circle. Operation very close to
the origin generally results in larger errors as the relative
accuracy of the I and Q vectors degrades.
RF FREQUENCY RANGE
The frequency range on the RF input is limited by the internal
polyphase quadrature phase-splitter. The phase-splitter splits
the incoming RF input into two signals, 90° out of phase, as
previously described in the RF Quadrature Generator section.
This polyphase network has been designed to ensure robust
quadrature accuracy over standard fabrication process
parameter variations for the 1.5 GHz to 2.4 GHz specified RF
frequency range. Using the AD8341 as a single-sideband modu-
lator and measuring the resulting sideband suppression is a
good gauge of how well the quadrature accuracy is maintained
over RF frequency. A typical plot of sideband suppression from
1.1 GHz to 2.7 GHz is shown in Figure 28. The level of sideband
suppression degradation outside the 1.5 GHz to 2.4 GHz speci-
fied range will be subject to manufacturing process variations.
–15
–20
–45
–40
–35
–30
–25
0.7
2.7
2.5
2.3
2.1
1.9
1.7
1.5
1.3
0.9
1.1
FREQUENCY (GHz)
Figure 28. Sideband Suppression vs. Frequency


Número de pieza similar - AD8341ACPZ-WP1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8341 AD-AD8341 Datasheet
2Mb / 20P
   300 MHz to 1000 MHz Quadrature Modulator
REV. 0
AD8341 AD-AD8341 Datasheet
2Mb / 32P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
More results

Descripción similar - AD8341ACPZ-WP1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
M/A-COM Technology Solu...
SA90-0001 MA-COM-SA90-0001 Datasheet
169Kb / 5P
   Vector Modulator, 1.94 to 2.24 GHz
MAIA-007143-000100 MA-COM-MAIA-007143-000100 Datasheet
183Kb / 6P
   Vector Modulator, 1.94 to 2.34 GHz
MAIA-007150-000100 MA-COM-MAIA-007150-000100 Datasheet
179Kb / 5P
   Vector Modulator, 1.94 to 2.24 GHz
logo
Tyco Electronics
SA90-0001 MACOM-SA90-0001 Datasheet
365Kb / 5P
   Vector Modulator, 1.94 to 2.24 GHz
logo
Texas Instruments
TRF3702 TI-TRF3702 Datasheet
655Kb / 36P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3702 TI-TRF3702_07 Datasheet
489Kb / 35P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3701 TI-TRF3701_07 Datasheet
463Kb / 31P
[Old version datasheet]   0.14 GHz to 1.5 GHz QUADRATURE MODULATOR
TRF3701_15 TI-TRF3701_15_15 Datasheet
755Kb / 35P
[Old version datasheet]   0.14 GHz to 1.5 GHz QUADRATURE MODULATOR
TRF3702_15 TI-TRF3702_15_15 Datasheet
767Kb / 39P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
logo
M/A-COM Technology Solu...
MAIA-007100-000100 MA-COM-MAIA-007100-000100 Datasheet
141Kb / 5P
   Vector Modulator, 1.805 to 1.88 GHz (DCS) and 1.93 to 1.99 GHz (PCS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com