Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N3879R Datasheet(PDF) 1 Page - International Rectifier

No. de pieza 1N3879R
Descripción Electrónicos  6A, 12A AND 16A FAST RECOVERY RECTIFIERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

1N3879R Datasheet(HTML) 1 Page - International Rectifier

  1N3879R Datasheet HTML 1Page - International Rectifier 1N3879R Datasheet HTML 2Page - International Rectifier 1N3879R Datasheet HTML 3Page - International Rectifier 1N3879R Datasheet HTML 4Page - International Rectifier 1N3879R Datasheet HTML 5Page - International Rectifier 1N3879R Datasheet HTML 6Page - International Rectifier 1N3879R Datasheet HTML 7Page - International Rectifier 1N3879R Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image


Número de pieza similar - 1N3879R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
1N3879R IRF-1N3879R Datasheet
2Mb / 10P
   FAST RECOVERY DIODES
logo
America Semiconductor, ...
1N3879R AMERICASEMI-1N3879R Datasheet
424Kb / 2P
   High Power- Fast Recovery Rectifiers
logo
New Jersey Semi-Conduct...
1N3879R NJSEMI-1N3879R Datasheet
49Kb / 1P
   GENERAL PURPOSE INDUSTRIAL
logo
GeneSiC Semiconductor, ...
1N3879R GENESIC-1N3879R Datasheet
736Kb / 3P
   Silicon Fast Recovery Diode
More results

Descripción similar - 1N3879R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Frontier Electronics.
FR1205CT FRONTIER-FR1205CT Datasheet
438Kb / 2P
   12A FAST RECOVERY RECTIFIERS
FR1605CT FRONTIER-FR1605CT Datasheet
438Kb / 2P
   16A FAST RECOVERY RECTIFIERS
logo
TAITRON Components Inco...
FEP16AT TAITRON-FEP16AT Datasheet
158Kb / 5P
   16A Super Fast Recovery Rectifiers
logo
Shindengen Electric Mfg...
S16L60 SHINDENGEN-S16L60 Datasheet
375Kb / 6P
   Super Fast Recovery Rectifiers(600V 16A)
D6L20U SHINDENGEN-D6L20U Datasheet
460Kb / 7P
   Super Fast Recovery Rectifiers(200V 6A)
SF6L20U SHINDENGEN-SF6L20U Datasheet
377Kb / 6P
   Super Fast Recovery Rectifiers(200V 6A)
logo
Naina Semiconductor ltd...
12-NSFR NAINA-12-NSFR Datasheet
149Kb / 2P
   Fast Recovery Diodes, 12A
16NSF NAINA-16NSF_17 Datasheet
149Kb / 2P
   Fast Recovery Diodes, 16A
12NSF NAINA-12NSF_17 Datasheet
149Kb / 2P
   Fast Recovery Diodes, 12A
16-NSFR NAINA-16-NSFR Datasheet
149Kb / 2P
   Fast Recovery Diodes, 16A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com