Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC5574IDGS Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza DAC5574IDGS
Descripción Electrónicos  QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL TO ANALOG CONVERTER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

DAC5574IDGS Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC5574IDGS Datasheet HTML 6Page - Texas Instruments DAC5574IDGS Datasheet HTML 7Page - Texas Instruments DAC5574IDGS Datasheet HTML 8Page - Texas Instruments DAC5574IDGS Datasheet HTML 9Page - Texas Instruments DAC5574IDGS Datasheet HTML 10Page - Texas Instruments DAC5574IDGS Datasheet HTML 11Page - Texas Instruments DAC5574IDGS Datasheet HTML 12Page - Texas Instruments DAC5574IDGS Datasheet HTML 13Page - Texas Instruments DAC5574IDGS Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
www.ti.com
THEORY OF OPERATION
D/A SECTION
_
+
Resistor String
Ref+
Ref-
DAC Register
VOUT
50 kW
50 kW
VDD
GND
70 kW
V
OUT
+ VDD
D
256
RESISTOR STRING
VDD
To Output
Amplifier
R
R
R
R
GND
Output Amplifier
I
2C Interface
DAC5574
SLAS407 – DECEMBER 2003
The architecture of the DAC5574 consists of a string DAC followed by an output buffer amplifier. Figure 27
shows a generalized block diagram of the DAC architecture.
Figure 27. R-String DAC Architecture
The input coding to the DAC5574 is unsigned binary, which gives the ideal output voltage as:
Where D = decimal equivalent of the binary code that is loaded to the DAC register; it can range from 0 to 255.
The resistor string section is shown in Figure 28. It is basically a divide-by-2 resistor, followed by a string of
resistors, each of value R. The code loaded into the DAC register determines at which node on the string the
voltage is tapped off to be fed into the output amplifier by closing one of the switches connecting the string to the
amplifier. Because the architecture consists of a string of resistors, it is specified monotonic.
Figure 28. Typical Resistor String
The output buffer is a gain-of-2 noninverting amplifiers, capable of generating rail-to-rail voltages on its output,
which gives an output range of 0V to VDD. It is capable of driving a load of 2 kΩ in parallel with 1000 pF to GND.
The source and sink capabilities of the output amplifier can be seen in the typical curves. The slew rate is 1 V/µs
with a half-scale settling time of 6µs with the output unloaded.
I
2C is a 2-wire serial interface developed by Philips Semiconductor (see I2C-Bus Specification, Version 2.1,
January 2000). The bus consists of a data line (SDA) and a clock line (SCL) with pullup structures. When the bus
is idle, both SDA and SCL lines are pulled high. All the I
2C compatible devices connect to the I2C bus through
open drain I/O pins, SDA and SCL. A master device, usually a microcontroller or a digital signal processor,
controls the bus. The master is responsible for generating the SCL signal and device addresses. The master also
generates specific conditions that indicate the START and STOP of data transfer. A slave device receives and/or
transmits data on the bus under control of the master device.
10


Número de pieza similar - DAC5574IDGS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC5574IDGS TI1-DAC5574IDGS Datasheet
719Kb / 32P
[Old version datasheet]   QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC5574IDGSG4 TI1-DAC5574IDGSG4 Datasheet
719Kb / 32P
[Old version datasheet]   QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC5574IDGSR TI1-DAC5574IDGSR Datasheet
719Kb / 32P
[Old version datasheet]   QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC5574IDGSRG4 TI1-DAC5574IDGSRG4 Datasheet
719Kb / 32P
[Old version datasheet]   QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
More results

Descripción similar - DAC5574IDGS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC5574 TI1-DAC5574 Datasheet
719Kb / 32P
[Old version datasheet]   QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7573 TI-DAC7573 Datasheet
766Kb / 30P
[Old version datasheet]   QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC8574 TI-DAC8574 Datasheet
949Kb / 1P
[Old version datasheet]   QUAD, 16-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7574 TI-DAC7574 Datasheet
783Kb / 31P
[Old version datasheet]   QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7574IDGSR TI-DAC7574IDGSR Datasheet
1Mb / 35P
[Old version datasheet]   QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC6573 TI-DAC6573 Datasheet
623Kb / 31P
[Old version datasheet]   QUAD, 10-Bit, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL TO ANALOG CONVERTER
DAC5573 TI1-DAC5573_16 Datasheet
1Mb / 35P
[Old version datasheet]   QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT,INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC5573 TI-DAC5573 Datasheet
499Kb / 30P
[Old version datasheet]   QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT, INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC8571 TI-DAC8571 Datasheet
687Kb / 1P
[Old version datasheet]   16-BIT, LOW POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC6574 TI1-DAC6574_16 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD, 10-BIT, LOW-POWER, VOLTAGE OUTPUT,INTERFACE DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com