Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TSS-53LNB-DP+ Datasheet(PDF) 6 Page - Mini-Circuits

No. de Pieza. TSS-53LNB-DP+
Descripción  Low Noise Bypass Amplifier Die
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MINI [Mini-Circuits]
Página de inicio  http://www.minicircuits.com
Logo 

TSS-53LNB-DP+ Datasheet(HTML) 6 Page - Mini-Circuits

   
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Monolithic E-PHEMT MMIC Amplifier Die
Page 6 of 6
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
TSS-53LNB-D+
ESD Rating**
Human Body Model (HBM): Class 1A (250 to <500V) in accordance with ANSI/ESD STM 5.1 - 2001
Machine Model (MM): Class M1 (pass 50V) in accordance with ANSI/ESD STM5.2-1999
Additional Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended
to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s
applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms
and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits
contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder,
please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Performance Data
Data Table
Swept Graphs
S-Parameter (S2P Files) Data Set with and without port extension(.zip file)
Case Style
Die
Die Ordering and packaging
information
Quantity, Package
Model No.
Small, Gel - Pak: 5,10,50,100 KGD*
Medium, Partial wafer: KGD*<5K
Large, Full Wafer
TSS-53LNB-DG+
TSS-53LNB-DP+
TSS-53LNB-DF+
Available upon request contact sales representative
Refer to AN-60-067
Environmental Ratings
ENV-80
*Known Good Dice (“KGD”) means that the dice in question have been subjected to Mini-Circuits DC test performance criteria and measurement
instructions and that the parametric data of such dice fall within a predefined range. While DC testing is not definitive, it does help to provide a higher
degree of confidence that dice are capable of meeting typical RF electrical parameters specified by Mini-Circuits.
Additional Detailed Technical Information
additional information is available on our dash board.
** Die performance measured in industry standard 3x3 mm 12-lead package.


Html Pages

1  2  3  4  5  6 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn