Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3712XW4BP308 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LM3712XW4BP308
Descripción Electrónicos  Microprocessor Supervisory Circuits with Separate Watchdog Timer Output, Power Fail Input and Manual Reset
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3712XW4BP308 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM3712XW4BP308 Datasheet HTML 2Page - National Semiconductor (TI) LM3712XW4BP308 Datasheet HTML 3Page - National Semiconductor (TI) LM3712XW4BP308 Datasheet HTML 4Page - National Semiconductor (TI) LM3712XW4BP308 Datasheet HTML 5Page - National Semiconductor (TI) LM3712XW4BP308 Datasheet HTML 6Page - National Semiconductor (TI) LM3712XW4BP308 Datasheet HTML 7Page - National Semiconductor (TI) LM3712XW4BP308 Datasheet HTML 8Page - National Semiconductor (TI) LM3712XW4BP308 Datasheet HTML 9Page - National Semiconductor (TI) LM3712XW4BP308 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
LM3712/LM3713 Series Electrical Characteristics (Continued)
Limits in the standard typeface are for T
J = 25˚C and limits in boldface type apply over full operating range. Unless otherwise
specified: V
CC = +2.2V to 5.5V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
WDI
WDI
Watchdog Input
Current
−1
+1
µA
WDI
T
Watchdog Input
Threshold
0.2
V
CC
1.225
0.8
V
CC
V
t
WD
Watchdog
Timeout Period
Watchdog Timeout Period = E, F, G, H
Watchdog Timeout Period = J, K, L, M
Watchdog Timeout Period = N, P, Q, R
Watchdog Timeout Period = S, T, U, V
4.3
71
1120
17900
6.2
102
1600
25600
9.3
153
2400
38400
ms
PFI/MR
V
PFT
PFI Input
Threshold
1.200
1.225
1.250
V
V
MRT
MR Input
Threshold
MR, Low
0.8
V
MR, High
2.0
V
PFTH/
V
MRTH
PFI/MR Threshold
Hysteresis
PFI/MR falling: V
CC =VRST MAX to 5.5V
0.0032
V
RST
mV
I
PFI
Input Current (PFI
only)
−75
75
nA
R
MR
MR Pull-up
Resistance
35
56
75
k
t
MD
MR to Reset
Delay
12
µS
t
MR
MR Pulse Width
25
µS
PFO, WDO
V
OL
PFO, WDO
Output Voltage
V
CC > 2.25V, ISINK = 900µA
0.3
V
V
CC > 2.7V, ISINK = 1.2mA
0.3
V
CC > 4.5V, ISINK = 3.2mA
0.4
V
OH
V
CC > 2.25V, ISOURCE = 300µA
0.8 V
CC
V
CC > 2.7V, ISOURCE = 500µA
0.8 V
CC
V
CC > 4.5V, ISOURCE = 800µA
V
CC − 1.5V
LLO OUTPUT
V
LLOT
LLO Output
Threshold
(V
LLO −VRST,VCC
falling)
1.01
V
RST
1.02
V
RST
1.03
V
RST
V
V
LLOTH
Low-Line
Comparator
Hysteresis
0.0032
V
RST
mV
t
CD
Low-Line
Comparator Delay
V
CC falling at 1mV/µs
20
µs
www.national.com
6


Número de pieza similar - LM3712XW4BP308

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seoul Semiconductor
LM371 SEOUL-LM371 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LM371 SEOUL-LM371 Datasheet
360Kb / 13P
   CYAN LAMP LED
LM371 SEOUL-LM371 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LM371 SEOUL-LM371 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LM371 SEOUL-LM371 Datasheet
378Kb / 14P
   RED LAMP LED
More results

Descripción similar - LM3712XW4BP308

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM3710 NSC-LM3710 Datasheet
319Kb / 16P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output, Manual Reset and Watchdog Timer
logo
Texas Instruments
LM3710 TI1-LM3710 Datasheet
1Mb / 19P
[Old version datasheet]   LM3710/LM3711 Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output, Manual Reset and Watchdog Timer
logo
National Semiconductor ...
LM3709 NSC-LM3709 Datasheet
232Kb / 11P
   Microprocessor Supervisory Circuits with Low Line Output, Manual Reset and Watchdog Timer
LM3704 NSC-LM3704 Datasheet
315Kb / 17P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output and Manual Reset
logo
Maxim Integrated Produc...
MAX823SEUK-T MAXIM-MAX823SEUK-T Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823TEXK MAXIM-MAX823TEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
Maxim Integrated Produc...
MAX825ZEXK MAXIM-MAX825ZEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823 Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823_07 Datasheet
316Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com