Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7228KP Datasheet(PDF) 5 Page - Analog Devices

No. de pieza AD7228KP
Descripción Electrónicos  LC2MOS Octal 8-Bit DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7228KP Datasheet(HTML) 5 Page - Analog Devices

  AD7228KP Datasheet HTML 1Page - Analog Devices AD7228KP Datasheet HTML 2Page - Analog Devices AD7228KP Datasheet HTML 3Page - Analog Devices AD7228KP Datasheet HTML 4Page - Analog Devices AD7228KP Datasheet HTML 5Page - Analog Devices AD7228KP Datasheet HTML 6Page - Analog Devices AD7228KP Datasheet HTML 7Page - Analog Devices AD7228KP Datasheet HTML 8Page - Analog Devices AD7228KP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD7228
Data Sheet
Rev. D | Page 4 of 15
SINGLE SUPPLY
VDD = 15 V ± 10%, VSS = GND, GND = 0 V, VREF = 10 V, RL = 2 kΩ, CL = 100 pF, unless otherwise noted. All specifications TMIN to TMAX,
−40°C to +85°C, unless otherwise noted.
Table 2.
Parameter
K and B
Versions
L and C
Versions
Unit
Test Conditions/Comments
STATIC PERFORMANCE
Resolution
8
8
Bits
Total Unadjusted Error1
±2
±1
LSB max
Differential Nonlinearity
±1
±1
LSB max
Guaranteed monotonic
Minimum Load Resistance
2
2
kΩ min
VOUT = 10 V
REFERENCE INPUT
Input Resistance
2
2
kΩ min
Input Capacitance2
500
500
pF max
Occurs when each DAC is loaded with all 1s
DIGITAL INPUTS
Input High Voltage, VINH
2.4
2.4
V min
Input Low Voltage, VINL
0.8
0.8
V max
Input Leakage Current
±1
±1
µA max
VIN = 0 V or VDD
Input Capacitance2
8
8
pF max
Input Coding
Binary
Binary
DYNAMIC PERFORMANCE2
Voltage Output Slew Rate
2
2
V/µs min
Voltage Output Settling Time
Positive Full-Scale Change
5
5
µs max
Settling time to ±1/2 LSB
Negative Full-Scale Change
7
7
µs max
Settling time to ±1/2 LSB
Digital Feedthrough
50
50
nV-sec typ
Code transition all 0s to all 1s, VREF = 0 V, WR = VDD
Digital Crosstalk3
50
50
nV-sec typ
Code transition all 0s to all 1s, VREF = 10 V, WR = 0 V
POWER SUPPLIES
VDD Range
13.5/16.5
13.5/16.5
V min/V max
For specified performance
IDD
Outputs unloaded; VIN = VINL or VINH
at 25°C
16
16
mA max
TMIN to TMAX
20
20
mA max
1
Total unadjusted error includes zero code error, relative accuracy and full-scale error.
2
Sample tested at TA = 25°C to ensure compliance.
3
The glitch impulse transferred to the output of one converter (not addressed) due to a change in the digital input code to another addressed converter.


Número de pieza similar - AD7228KP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7228KN AD-AD7228KN Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228KR AD-AD7228KR Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
More results

Descripción similar - AD7228KP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228KN AD-AD7228KN Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228KR AD-AD7228KR Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228BQ AD-AD7228BQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228LP AD-AD7228LP Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228A AD-AD7228A Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC Mount Packages
REV. A
AD7568BPZ AD-AD7568BPZ Datasheet
354Kb / 14P
   LC2MOS Octal 12-Bit DAC
REV. C
AD7568 AD-AD7568 Datasheet
241Kb / 12P
   LC2MOS Octal 12-Bit DAC
REV. B
AD7568BSZ AD-AD7568BSZ Datasheet
354Kb / 14P
   LC2MOS Octal 12-Bit DAC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com