Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

2,54RF08 Datasheet(PDF) 4 Page - Lumberg

No. de pieza 2,54RF08
Descripción Electrónicos  Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LUMBERG [Lumberg]
Página de inicio  http://www.lumberg.com
Logo LUMBERG - Lumberg

2,54RF08 Datasheet(HTML) 4 Page - Lumberg

  2,54RF08 Datasheet HTML 1Page - Lumberg 2,54RF08 Datasheet HTML 2Page - Lumberg 2,54RF08 Datasheet HTML 3Page - Lumberg 2,54RF08 Datasheet HTML 4Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
51 2,54 RF
01/2018
4
Designation
Pole Number
PU (Pieces)
MDQ (Pieces)
2,54 RF 39
39
200
5000
2,54 RF 40
40
200
5000
2,54 RF 41
41
200
5000
2,54 RF 42
42
200
5000
2,54 RF 43
43
200
5000
2,54 RF 44
44
200
5000
2,54 RF 45
45
200
5000
2,54 RF 46
46
200
5000
2,54 RF 47
47
200
5000
2,54 RF 48
48
200
5000
2,54 RF 49
49
200
5000
2,54 RF 50
50
200
5000
2,54 RF 51
51
200
5000
2,54 RF 52
52
200
5000
2,54 RF 53
53
200
5000
2,54 RF 54
54
200
5000
2,54 RF 55
55
200
5000
2,54 RF 56
56
200
5000
2,54 RF 57
57
200
5000
2,54 RF 58
58
200
5000
2,54 RF 59
59
200
5000
2,54 RF 60
60
200
5000
2,54 RF 61
61
200
5000
Packaging:
in bulk, in a cardboard box
of 4


Número de pieza similar - 2,54RF08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
Lumberg
Lumberg
2,54RF LUMBERG-2,54RF Datasheet
246Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2,54RFL LUMBERG-2,54RFL Datasheet
428Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2,54RFL LUMBERG-2,54RFL Datasheet
246Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2,54RFL03 LUMBERG-2,54RFL03 Datasheet
428Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2,54RFL04 LUMBERG-2,54RFL04 Datasheet
428Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
More results

Descripción similar - 2,54RF08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
Lumberg
Lumberg
2.5U LUMBERG-2.5U Datasheet
623Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.5UFL LUMBERG-2.5UFL Datasheet
502Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.54R LUMBERG-2.54R_18 Datasheet
301Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.54UF LUMBERG-2.54UF Datasheet
366Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
5.08RFL LUMBERG-5.08RFL Datasheet
378Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
5RF LUMBERG-5RF Datasheet
396Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
8510A02 LUMBERG-8510A02 Datasheet
188Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
5.08UF LUMBERG-5.08UF Datasheet
455Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
5RFL LUMBERG-5RFL Datasheet
413Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.54RFL LUMBERG-2.54RFL_18 Datasheet
428Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
8514A02 LUMBERG-8514A02 Datasheet
162Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
More results


Html Pages

1  2  3  4 


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz