Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC13055D Datasheet(PDF) 2 Page - LANSDALE Semiconductor Inc.

No. de pieza MC13055D
Descripción Electrónicos  Wideband FSK Receiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LANSDALE [LANSDALE Semiconductor Inc.]
Página de inicio  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC13055D Datasheet(HTML) 2 Page - LANSDALE Semiconductor Inc.

  MC13055D Datasheet HTML 1Page - LANSDALE Semiconductor Inc. MC13055D Datasheet HTML 2Page - LANSDALE Semiconductor Inc. MC13055D Datasheet HTML 3Page - LANSDALE Semiconductor Inc. MC13055D Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC13055D Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC13055D Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC13055D Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC13055D Datasheet HTML 8Page - LANSDALE Semiconductor Inc. MC13055D Datasheet HTML 9Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ML13055
LANSDALE Semiconductor, Inc.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC(max)
15
Vdc
Operating Supply Voltage Range
V2, V4
3.0 to 12
Vdc
Junction Temperature
TJ
150
°C
Operating Ambient Temperature Range
TA
-40 to +85
°C
Storage Temperature Range
Tstg
-65 to +150
°C
Power Dissipation, Package Rating
PD
1.25
W
ELECTRICAL CHARACTERISTICS (VCC = 5.0 Vdc, fo = 40 MHz, fmod = 1.0 MHz, ∆f = ±1.0 MHz, TA = 25°C, test circuit of Figure 2.)
Characteristic
Conditions
Min
Typ
Max
Unit
Total Drain Current
20
25
mA
Data Comparator Pull–Down Current
I16
10
mA
Meter Drive Slope versus Input
I12
4.5
7.0
9.0
µA/dB
Carrier Detect Pull–Down Current
I13
1.3
mA
Carrier Detect Pull–Up Current
I13
500
µA
Carrier Detect Threshold Voltage
V12
690
800
1010
mV
DC Output Current
I10, I11
430
µA
Recovered Signal
V10 - V1 1
350
mVrms
Sensitivity for 20 dB S+N/N, BW = 5.0 MHz
VIN
20
µVrms
S+N/N at Vin = 50 µV
V10 - V1 1
30
dB
Input Impedance @ 40 MHz
Rin
Cin
Pin 5, Ground
4.2
4.5
kΩ
pF
Quadrature Coil Loading
Rin
Cin
Pin 9 to 8
7.6
5.2
kΩ
pF
www.lansdale.com
Page 2 of 9
I2 + I4
Issue B


Número de pieza similar - MC13055D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LANSDALE Semiconductor ...
MC13055D LANSDALE-MC13055D Datasheet
313Kb / 9P
   Wideband FSK Receiver
logo
Motorola, Inc
MC13055D MOTOROLA-MC13055D Datasheet
207Kb / 8P
   WIDEBAND FSK RECEIVER
More results

Descripción similar - MC13055D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA7775M SANYO-LA7775M Datasheet
74Kb / 5P
   Wideband FSK Receiver
logo
LANSDALE Semiconductor ...
ML3356 LANSDALE-ML3356_08 Datasheet
276Kb / 9P
   Wideband FSK Receiver
ML3356 LANSDALE-ML3356 Datasheet
973Kb / 9P
   Wideband FSK Receiver
logo
Motorola, Inc
MC3356 MOTOROLA-MC3356_1 Datasheet
211Kb / 8P
   Wideband FSK Receiver
logo
LANSDALE Semiconductor ...
ML13055 LANSDALE-ML13055 Datasheet
313Kb / 9P
   Wideband FSK Receiver
logo
Motorola, Inc
MC13055 MOTOROLA-MC13055 Datasheet
207Kb / 8P
   WIDEBAND FSK RECEIVER
logo
Samsung semiconductor
S1T8531 SAMSUNG-S1T8531 Datasheet
157Kb / 10P
   WIDEBAND FM/FSK IF RECEIVER
logo
List of Unclassifed Man...
RRF1-XXX-Y ETC2-RRF1-XXX-Y Datasheet
25Kb / 2P
   FSK Superhet Receiver
logo
HOPE Microelectronics C...
RFM218BW HOPE-RFM218BW Datasheet
395Kb / 4P
   FSK Receiver Module
logo
Melexis Microelectronic...
MLX71121 MELEXIS-MLX71121_15 Datasheet
356Kb / 29P
   FSK/OOK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com