Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML12502 Datasheet(PDF) 5 Page - LANSDALE Semiconductor Inc.

No. de pieza ML12502
Descripción Electrónicos  Analog Mixer With On?밅hip Regulator For Bias Control
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LANSDALE [LANSDALE Semiconductor Inc.]
Página de inicio  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML12502 Datasheet(HTML) 5 Page - LANSDALE Semiconductor Inc.

  ML12502 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML12502 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML12502 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML12502 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML12502 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML12502 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML12502 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML12502 Datasheet HTML 8Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LANSDALE Semiconductor, Inc.
ML12502
www.lansdale.com
Page 5 of 8
Issue 0
All Input and output
cables to the scope are
equal lengths of 50-ohm
coaxial cable.
Notes:
Test 1 – Adjust potentiometer for carrier null at fc = 100 kHz.
Test 2 – Connect pins 5 and 6 to Gnd.
Sampling Volt meter
Hewlett Packard
3406A or Equiv.
Tektronix
454 and 568
Oscilloscopes
Hewlett Packard
651A and 3300B
100 kHz to 100 MHz
@ 30 mVpp
Signal A
Input (Pin 2)
Output (Pin12)
Output (Pin 11)
Signal B Input (Pin 8)
Output (Pin 12)
Output (Pin 11)
Figure 4. Carrier Feedthrough Test Circuits
12
11
Outputs
Null
Adjust
VCC
6
14
5
7
1
10
VEE
Reg.
Bypass
Local Oscillator
Inputs
2
3
8
9
Mixer
Inputs
1.0
µf
1.0
µf
1.0
µf
0.1
µf
0.1
µf
50
+5.0 V
0.1
µf
133
133


Número de pieza similar - ML12502

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LANSDALE Semiconductor ...
ML12502 LANSDALE-ML12502 Datasheet
1Mb / 8P
   Analog Mixer With On-Chip Regulator For Bias Control
ML12502BCA LANSDALE-ML12502BCA Datasheet
1Mb / 8P
   Analog Mixer With On-Chip Regulator For Bias Control
More results

Descripción similar - ML12502

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LANSDALE Semiconductor ...
ML12502 LANSDALE-ML12502 Datasheet
1Mb / 8P
   Analog Mixer With On-Chip Regulator For Bias Control
logo
Sanken electric
SI-3001S SANKEN-SI-3001S Datasheet
36Kb / 2P
   Dropper Type Regulator with Output On/Off Control
logo
New Japan Radio
NJM2396 NJRC-NJM2396 Datasheet
513Kb / 6P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2386A NJRC-NJM2386A Datasheet
270Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-08
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2388F12 NJRC-NJM2388F12 Datasheet
175Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2370 NJRC-NJM2370 Datasheet
214Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
logo
Zilog, Inc.
IXD1209 ZILOG-IXD1209 Datasheet
1Mb / 27P
   High Speed LDO Regulator with ON/OFF Control
logo
Torex Semiconductor
XC6901 TOREX-XC6901 Datasheet
510Kb / 28P
   200mA Negative Voltage Regulator with ON/OFF Control
logo
LANSDALE Semiconductor ...
ML12002 LANSDALE-ML12002 Datasheet
971Kb / 9P
   Analog Mixer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com