Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML12179 Datasheet(PDF) 3 Page - LANSDALE Semiconductor Inc.

No. de pieza ML12179
Descripción Electrónicos  500-2800 MHz Single Channel Frequency Synthesizer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LANSDALE [LANSDALE Semiconductor Inc.]
Página de inicio  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML12179 Datasheet(HTML) 3 Page - LANSDALE Semiconductor Inc.

  ML12179 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML12179 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML12179 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML12179 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML12179 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML12179 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML12179 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML12179 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML12179 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
www.lansdale.com
Page 3 of 11
Issue A
LANSDALE Semiconductor, Inc.
ML12179
Figure 2. Phase/Frequency Detector and Charge Pump Waveforms
fr
(OSCin)
H
L
fv
(Fin ÷256)
H
L
PDout
Sourcing Current Pulse
Sinking Current Pulse
Z
H = High voltage level; L = Low voltage level; Z = High impedance
NOTES: Phase difference detection range: ∼ –2π to 2π
Kp–Charge Pump Gain
|Isource|
|Isink|
++
==
|2.2|
|–2.2|
1.1 mA
πradian
Figure 1. ML12179 Expanded Block Diagram
Crystal
Oscillator
Prescaler
÷256
Phase/Frequency
Detector
Charge
Pump
VCC
OSCin
OSCout
2
1
8
4
C1
C2
VCO
+5.0 V
fr
fv
VP 7
+5.0 V
6
To Loop Filter
GND
GNDP
5
3
NOTE: External 50 kΩ resistor
across Pins 1 and 8 is necessary in
either crystal or driven mode.
1000 pF
Fin
PDout
PHASE CHARACTERISTICS
The phase comparator in the ML12179 is a high speed digital
phase/frequency detector circuit. The circuit determines the “lead”
or “lag” phase relationship and time difference between the lead-
ing edges of the VCO (fv) signal and the reference (fr) input. The
detector can cover a range of ±2
π radian of fv/fr phase difference.
The operation of the charge pump output is shown in Figure 2.
fr lags fv in phase OR fv>fr in frequency
When the phase of fr lags that of fv or the frequency of fv is
greater than fr, the Do output will sink current. The pulse width
will be determined by the time difference between the two rising
edges.
fr leads fv in phase OR fv<fr in frequency
When the phase of fr leads that of fv or the frequency of fv is
less than fr, the Do output will source current. The pulse width
will be determined by the time difference between the two rising
edges.
fr = fv in phase and frequency
When the phase and frequency of fr and fv are equal, the charge
pump will be in a quiet state, except for current spikes when sig-
nals are in phase. This situation indicates that the loop is in lock
and the phase comparator will maintain the loop in its locked
state.


Número de pieza similar - ML12179

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LANSDALE Semiconductor ...
ML12179 LANSDALE-ML12179 Datasheet
582Kb / 11P
   500-2800 MHz Single Channel Frequency Synthesizer
ML12179-5P LANSDALE-ML12179-5P Datasheet
582Kb / 11P
   500-2800 MHz Single Channel Frequency Synthesizer
More results

Descripción similar - ML12179

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LANSDALE Semiconductor ...
ML12179 LANSDALE-ML12179 Datasheet
582Kb / 11P
   500-2800 MHz Single Channel Frequency Synthesizer
logo
Motorola, Inc
MC12179 MOTOROLA-MC12179 Datasheet
343Kb / 11P
   500 - 2800 MHz Single Channel Frequency Synthesizer
logo
Mallory Sonalert Produc...
PS-551DGQ MSPI-PS-551DGQ Datasheet
89Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
MAS803Q MSPI-MAS803Q Datasheet
107Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
PS-554DY-AQ MSPI-PS-554DY-AQ Datasheet
83Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
PS-550DG-24AQ MSPI-PS-550DG-24AQ Datasheet
89Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
PS-551DYQ MSPI-PS-551DYQ Datasheet
83Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
MAS806Q MSPI-MAS806Q Datasheet
96Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
MAS806SQ MSPI-MAS806SQ Datasheet
112Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
PS-554F-12V-VRQ MSPI-PS-554F-12V-VRQ Datasheet
100Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com