Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML12079-5P Datasheet(PDF) 1 Page - LANSDALE Semiconductor Inc.

No. de pieza ML12079-5P
Descripción Electrónicos  2.8 GHz Prescaler MECL PLL Components
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LANSDALE [LANSDALE Semiconductor Inc.]
Página de inicio  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML12079-5P Datasheet(HTML) 1 Page - LANSDALE Semiconductor Inc.

  ML12079-5P Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML12079-5P Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML12079-5P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML12079-5P Datasheet HTML 4Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.lansdale.com
Page 1 of 4
Issue A
ML12079
2.8 GHz Prescaler
MECL PLL Components
÷64/128/256 Prescaler
Legacy Device: Motorola MC12079
The ML12079 is a single modulus divide by 64, 128, 256 prescaler
for low power frequency division of a 2.8 GHz (typical) high frequen-
cy input signal. Divide ratio control inputs SW1 and SW2 select the
required divide ratio of ÷64, ÷128, or ÷256.
An external load resistor is required to terminate the output. A 1.2
kΩ resistor is recommended to achieve a 1.6 Vpp output swing, when
dividing a 1.1 GHz input signal by the minimum divide ratio of 64,
assuming a 12 pF load. Output current can be minimized dependent
on conditions such as output frequency, capacitive load being driven,
and output voltage swing required. Typical values for load resistors
are included in the Vout specification for various divide ratios at 2.8
GHz input frequency.
• 2.8 GHz Toggle Frequency
• Supply Voltage 4.5 to 5.5 V
• Low Supply Current 9mA Typical at VCC = 5.0 V
• Operating Temperature Range of TA = –40 to 85°C
P DIP 8 = PP
PLASTIC PACKAGE
CASE 626
SO 8 = -5P
PLASTIC PACKAGE
CASE 751
8
1
1
8
CROSS REFERENCE/ORDERING INFORMATION
MOTOROLA
P DIP 8
MC12079P
ML12079PP
SO 8
MC12079D
ML12079-5P
LANSDALE
PACKAGE
Note: Lansdale lead free (Pb) product, as it
becomes available, will be identified by a part
number prefix change from
ML to MLE.
PIN CONNECTIONS
IN
(Top View)
8
IN
VCC
SW1
OUT
NC
SW2
Gnd
7
6
5
1
2
3
4
FUNCTIONAL TABLE
SW1
SW2
Divide Ratio
H
H
64
H
L
128
L
H
128
L
L
256
NOTE: SW1 & SW2: H = VCC, L = Open.
MAXIMUM RATINGS
Characteristic
Symbol
Range
Unit
Power Supply Voltage, Pin 2
VCC
–0.5 to 7.0
Vdc
Operating Temperature Range
TA
–40 to 85
°C
Storage Temperature Range
Tstg
–65 to 150
°C
Maximum Output Current, Pin 4
IO
4.0
mA


Número de pieza similar - ML12079-5P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LANSDALE Semiconductor ...
ML12079-5P LANSDALE-ML12079-5P Datasheet
392Kb / 4P
   2.8 GHz Prescaler MECL PLL Components 첨64/128/256 Prescaler
More results

Descripción similar - ML12079-5P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LANSDALE Semiconductor ...
ML12079 LANSDALE-ML12079 Datasheet
392Kb / 4P
   2.8 GHz Prescaler MECL PLL Components 첨64/128/256 Prescaler
logo
Motorola, Inc
MC12023 MOTOROLA-MC12023 Datasheet
67Kb / 2P
   MECL PLL COMPONENTS 첨64 PRESCALER
MC12076 MOTOROLA-MC12076 Datasheet
84Kb / 3P
   MECL PLL COMPONENTS 첨256 PRESCALER
MC12078 MOTOROLA-MC12078 Datasheet
85Kb / 3P
   MECL PLL COMPONENTS 첨256 PRESCALER
MC12075 MOTOROLA-MC12075 Datasheet
74Kb / 3P
   MECL PLL COMPONENTS 첨64 PRESCALER
MC12074 MOTOROLA-MC12074 Datasheet
89Kb / 3P
   MECL PLL COMPONENTS 첨256 PRESCALER
MC12098 MOTOROLA-MC12098 Datasheet
98Kb / 5P
   MECL PLL COMPONENTS 첨8192 PRESCALER
MC12089 MOTOROLA-MC12089 Datasheet
74Kb / 4P
   MECL PLL COMPONENTS 첨64/128 PRESCALER
MC12090 MOTOROLA-MC12090 Datasheet
121Kb / 4P
   MECL PLL COMPONENTS HIGH?밪PEED PRESCALER
logo
LANSDALE Semiconductor ...
ML12509 LANSDALE-ML12509 Datasheet
5Mb / 12P
   MECL PLL Components Dual Modulus Prescaler
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com