Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI-3025KS Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

No. de pieza SI-3025KS
Descripción Electrónicos  Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

SI-3025KS Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  SI-3025KS Datasheet HTML 1Page - List of Unclassifed Manufacturers SI-3025KS Datasheet HTML 2Page - List of Unclassifed Manufacturers SI-3025KS Datasheet HTML 3Page - List of Unclassifed Manufacturers SI-3025KS Datasheet HTML 4Page - List of Unclassifed Manufacturers SI-3025KS Datasheet HTML 5Page - List of Unclassifed Manufacturers SI-3025KS Datasheet HTML 6Page - List of Unclassifed Manufacturers SI-3025KS Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
sTypical Characteristics Examples of SI-3012KS and SI-3025KS
(Ta=25
°C) *Vout=2.5 V for SI-3012KS (RS=24 kΩ)
Dropout voltage
Rise characteristics
Line regulation
Load regulation
Overcurrent protection characteristics
Input voltage vs. Quiescent current
Circuit current
Control terminal voltage vs. Output voltage
Control terminal voltage vs. Control terminal current
qSI-3000KS Series
1
0.8
0.6
0.4
0.2
0
0.2
0.4
Output current A
0.6
0.8
1
3
2
1
01
2
3
4
Input voltage V
IO=0 to 1A
0.25A step
2.54
2.52
2.50
2.48
2.46
2.44
2.42
2.40
02
4
6
8
10
Input voltage V
IO=0 to 1A
0.25A step
2.52
2.50
2.48
2.46
2.44
2.42
2.40
0
0.2
0.4
Output current A
0.6
0.8
1
VIN=3.3V
4V
5V
6V
8V
3
2
1
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Output current A
VIN=3.3V
4V
5V
6V
0
2
4
6
8
1012141618
600
500
400
300
200
100
Input voltage V
IO=0A
VC=2V
60
40
20
02
4
6
8
Input voltage V
IO=1A
0.75A
0.25A
0.5A
0A
3
2
1
0
0.5
1
1.5
2
Control ternimal voltage V
IO=0A
30
20
25
15
5
10
01
2
3
4
Control terminal voltage V


Número de pieza similar - SI-3025KS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Allegro MicroSystems
SI-3025KS ALLEGRO-SI-3025KS Datasheet
97Kb / 6P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3025KS SANKEN-SI-3025KS Datasheet
97Kb / 6P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3025KS SANKEN-SI-3025KS Datasheet
82Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3025KS SANKEN-SI-3025KS Datasheet
56Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
More results

Descripción similar - SI-3025KS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
SI-3000LU SANKEN-SI-3000LU Datasheet
44Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
logo
List of Unclassifed Man...
SI-3033LUS ETC-SI-3033LUS Datasheet
47Kb / 4P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
SI-3000KS ETC-SI-3000KS Datasheet
85Kb / 7P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
SI-3000LSA ETC1-SI-3000LSA Datasheet
58Kb / 6P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
logo
Sanken electric
A8180SLU SANKEN-A8180SLU Datasheet
53Kb / 4P
   Surface-Mount, Low Quiescent Current, Low Dropout Voltage Dropper Type
A8181SLB SANKEN-A8181SLB Datasheet
58Kb / 4P
   Surface-Mount, Low Circuit Current, Low Dropout Voltage Dropper Type
SI-3050KD SANKEN-SI-3050KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3012KD SANKEN-SI-3012KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3033KD SANKEN-SI-3033KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3000KS SANKEN-SI-3000KS_11 Datasheet
82Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com