Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI-3018KS Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

No. de pieza SI-3018KS
Descripción Electrónicos  Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

SI-3018KS Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SI-3018KS Datasheet HTML 1Page - List of Unclassifed Manufacturers SI-3018KS Datasheet HTML 2Page - List of Unclassifed Manufacturers SI-3018KS Datasheet HTML 3Page - List of Unclassifed Manufacturers SI-3018KS Datasheet HTML 4Page - List of Unclassifed Manufacturers SI-3018KS Datasheet HTML 5Page - List of Unclassifed Manufacturers SI-3018KS Datasheet HTML 6Page - List of Unclassifed Manufacturers SI-3018KS Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
sBlock Diagram
sStandard Circuit Connection Diagram
CIN : Input capacitor (22
µF or larger)
This capacitor is necessary if an inductance is included in the input line or if the wiring length is long.
CO : Output capacitor (22
µF or larger)
The SI-3000KS series designed for use with very low-ESR ceramics output capacitor.
When using the electrolytic capacitor, the SI-3000KS series may oscillate at a low temperature.
qSI-3000KS Series
qSI-3012KS
qSI-3018KS, SI-3025KS, SI-3033KS
qSI-3012KS
qSI-3018KS, SI-3025KS, SI-3033KS
R1, R2: Output voltage setting resistors
The output voltage can be set by connecting R1 and R2 as shown above.
The recommended value of R2 is 24 k
Ω.
R1=(VO–VADJ)
÷(VADJ/R2)
2
VIN
1
REF
VC
VOUT
ADJ
GND
4
8
7
6
5
3
TSD
-
+
2
VIN
1
REF
VC
VOUT
Sense
GND
4
8
7
6
5
3
TSD
-
+
GND
5 to 8
VIN
CIN
R1
R2
2
VO
CO
3
VC
1
ADJ
4
+
Load
GND
5 to 8
VIN
CIN
R2
2
VO
CO
3
VC
1
sense
4
Load


Número de pieza similar - SI-3018KS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Allegro MicroSystems
SI-3018KM ALLEGRO-SI-3018KM Datasheet
371Kb / 9P
   1 A, Low-Dropout, 1.8 V Regulator
SI-3018KM-TL ALLEGRO-SI-3018KM-TL Datasheet
371Kb / 9P
   1 A, Low-Dropout, 1.8 V Regulator
More results

Descripción similar - SI-3018KS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
SI-3000LU SANKEN-SI-3000LU Datasheet
44Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
logo
List of Unclassifed Man...
SI-3033LUS ETC-SI-3033LUS Datasheet
47Kb / 4P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
SI-3000KS ETC-SI-3000KS Datasheet
85Kb / 7P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
SI-3000LSA ETC1-SI-3000LSA Datasheet
58Kb / 6P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
logo
Sanken electric
A8180SLU SANKEN-A8180SLU Datasheet
53Kb / 4P
   Surface-Mount, Low Quiescent Current, Low Dropout Voltage Dropper Type
A8181SLB SANKEN-A8181SLB Datasheet
58Kb / 4P
   Surface-Mount, Low Circuit Current, Low Dropout Voltage Dropper Type
SI-3050KD SANKEN-SI-3050KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3012KD SANKEN-SI-3012KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3033KD SANKEN-SI-3033KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3000KS SANKEN-SI-3000KS_11 Datasheet
82Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com