Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML3371 Datasheet(PDF) 3 Page - LANSDALE Semiconductor Inc.

No. de pieza ML3371
Descripción Electrónicos  Low Power Narrowband FM IF
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LANSDALE [LANSDALE Semiconductor Inc.]
Página de inicio  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML3371 Datasheet(HTML) 3 Page - LANSDALE Semiconductor Inc.

  ML3371_08 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML3371_08 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML3371_08 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML3371_08 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML3371_08 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML3371_08 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML3371_08 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML3371_08 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML3371_08 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
www.lansdale.com
Page 3 of 19
Issue A
LANSDALE Semiconductor, Inc.
ML3371, ML3372
DC ELECTRICAL CHARACTERISTICS (VCC = 4.0 Vdc, TA = 25°C, unless otherwise noted)
Characteristic
Pin
Symbol
Min
Typ
Max
Unit
Drain Current (No Input Signal)
Squelch Off, Vsq = 2.0 Vdc
Squelch On, Vsq = 0 Vdc
Squelch Off, VCC = 2.0 to 9.0 V
4
lcc1
lcc2
dlcc1
3.2
3.6
1.0
4.2
4.8
2.0
mA
Detector Output (No Input Signal)
DC Voltage, V8 = VCC
9
V9
0.9
1.6
2.3
Vdc
Filter Output (No Input Signal)
DC Voltage
Voltage Change, VCC = 2.0 to 9.0 V
11
V11
dV11
1.5
2.0
2.5
5.0
3.5
8.0
Vdc
Trigger Hysteresis
Hys
34
57
80
mV
Quad Coil TOKO
2A6597 HK (10 mm)
or
7MC–8128Z (7 mm)
15
22
0.33
0.001
57.6575
MHz
Oscillator
0.1
0.1
20 k
0.1
muRata
CFU455D2
or
equivalent
14
C1
0.01
51
51 k
RF Input
VCC = 4.0 Vdc
13
24
38
5
6
7
1
15
+
16
Mute
0.1
12
11
10
9
FilterOut
1.0 µF
Demodulator
AF
Amp
RSSI Output
510 k
SqIn
FilterIn
470
8.2 k
0.01
AF Out
to Audio
Power Amp
53 k
10
Limiter
Amp
Filter
Amp
Mixer
Squelch Trigger
with Hysteresis
Figure 1. ML3371 Functional Block Diagram and Test Fixture Schematic
1.8 k
51 k
1.0 µF


Número de pieza similar - ML3371_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LANSDALE Semiconductor ...
ML3371-5P LANSDALE-ML3371-5P Datasheet
1Mb / 19P
   Low Power Narrowband FM IF
ML3371EP LANSDALE-ML3371EP Datasheet
1Mb / 19P
   Low Power Narrowband FM IF
More results

Descripción similar - ML3371_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ceramate Technical
CM5018 CERAMATE-CM5018 Datasheet
917Kb / 6P
   Low Power Narrowband FM IF
logo
Motorola, Inc
MC3361 MOTOROLA-MC3361 Datasheet
156Kb / 6P
   LOW POWER NARROWBAND FM IF
MC3361B MOTOROLA-MC3361B Datasheet
209Kb / 8P
   Low Power Narrowband FM IF
logo
LANSDALE Semiconductor ...
ML3371 LANSDALE-ML3371 Datasheet
1Mb / 19P
   Low Power Narrowband FM IF
logo
Sanyo Semicon Device
LA8604M SANYO-LA8604M Datasheet
136Kb / 8P
   Narrowband FM IF Stage
LA8608V SANYO-LA8608V Datasheet
310Kb / 14P
   1.8 V Low-Voltage Narrowband FM-IF System
logo
Motorola, Inc
MC3335 MOTOROLA-MC3335 Datasheet
118Kb / 6P
   Low Power Narrowband FM Receiver
logo
LANSDALE Semiconductor ...
ML13150 LANSDALE-ML13150 Datasheet
1Mb / 20P
   Narrowband FM Coilless Detector IF Subsystem
logo
Motorola, Inc
MC13150 MOTOROLA-MC13150 Datasheet
517Kb / 20P
   Narrowband FM Coilless Detector IF Subsystem
logo
Sanyo Semicon Device
LA8615M SANYO-LA8615M Datasheet
305Kb / 11P
   Narrowband FM IF Amplifiers for Pager Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com