Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML3371 Datasheet(PDF) 5 Page - LANSDALE Semiconductor Inc.

No. de pieza ML3371
Descripción Electrónicos  Low Power Narrowband FM IF
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LANSDALE [LANSDALE Semiconductor Inc.]
Página de inicio  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML3371 Datasheet(HTML) 5 Page - LANSDALE Semiconductor Inc.

  ML3371_08 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML3371_08 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML3371_08 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML3371_08 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML3371_08 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML3371_08 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML3371_08 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML3371_08 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML3371_08 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
www.lansdale.com
Page 5 of 19
Issue A
LANSDALE Semiconductor, Inc.
ML3371, ML3372
Figure 3. Total Harmonic Distortion
versus Temperature
–55
0
125
20
TA, AMBIENT TEMPERATURE (°C)
5.0
25
45
30
–140
10
40
50
60
–100
65
–80
–40
–120
–20
0
–60
20
TA = –30°C
TA = 25°C
105
85
70
5.0
0
1.0
4.0
3.0
2.0
–35 –15
TA = 75°C
TA = 75°C
TA = –30°C
VCC = 4.0 Vdc
fo = 10.7 MHz
RF INPUT (dBm)
Figure 4. RSSI versus RF Input
VCC = 4.0 Vdc
RF Input = –30 dBm
fo = 10.7 MHz
TYPICAL CURVES
(Unmatched Input)
–30 dBm
45
65
25
–35
–15
–70 dBm
TA, AMBIENT TEMPERATURE (°C)
5.0
105
–55
125
85
VCC = 4.0 Vdc
fo = 10.7 MHz
–110 dBm
–20
–10
VCC = 4.0 Vdc
TA = 27°C
100 MHz
3rd Order Products
–50
–60
–40
–30
–70
– 20
0
10
– 50
– 10
– 30
– 40
– 70
RF INPUT (dBm)
– 60
0
100 MHz
Desired Products
30
18
60
TA = –30°C
TA = 25°C
fo = 10.7 MHz
RFin –40 dBm
1.8 kΩ Load
TA = 75°C
48
54
6.0
42
36
0
24
18
12
6.0
9.0
12
8.0
9.0
21
–5.0 dBm
0 dBm
10
–15 dBm
1.0
–20 dBm
–10 dBm
5.0 dBm
40
f, FREQUENCY (MHz)
30
20
0
100
10
1000
10
7.0
6.0
5.0
3.0
4.0
VCC, SUPPLY VOLTAGE (V)
1.0
2.0
30
27
24
0
15
3.0
0
Figure 5. RSSI Output versus Temperature
Figure 6. Mixer Output versus RF Input
Figure 7. Mixer Gain versus Supply Voltage
Figure 8. Mixer Gain versus Frequency
VCC = 4.0 Vdc
TA = 27°C
RFin = –40 dBm


Número de pieza similar - ML3371_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LANSDALE Semiconductor ...
ML3371-5P LANSDALE-ML3371-5P Datasheet
1Mb / 19P
   Low Power Narrowband FM IF
ML3371EP LANSDALE-ML3371EP Datasheet
1Mb / 19P
   Low Power Narrowband FM IF
More results

Descripción similar - ML3371_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ceramate Technical
CM5018 CERAMATE-CM5018 Datasheet
917Kb / 6P
   Low Power Narrowband FM IF
logo
Motorola, Inc
MC3361 MOTOROLA-MC3361 Datasheet
156Kb / 6P
   LOW POWER NARROWBAND FM IF
MC3361B MOTOROLA-MC3361B Datasheet
209Kb / 8P
   Low Power Narrowband FM IF
logo
LANSDALE Semiconductor ...
ML3371 LANSDALE-ML3371 Datasheet
1Mb / 19P
   Low Power Narrowband FM IF
logo
Sanyo Semicon Device
LA8604M SANYO-LA8604M Datasheet
136Kb / 8P
   Narrowband FM IF Stage
LA8608V SANYO-LA8608V Datasheet
310Kb / 14P
   1.8 V Low-Voltage Narrowband FM-IF System
logo
Motorola, Inc
MC3335 MOTOROLA-MC3335 Datasheet
118Kb / 6P
   Low Power Narrowband FM Receiver
logo
LANSDALE Semiconductor ...
ML13150 LANSDALE-ML13150 Datasheet
1Mb / 20P
   Narrowband FM Coilless Detector IF Subsystem
logo
Motorola, Inc
MC13150 MOTOROLA-MC13150 Datasheet
517Kb / 20P
   Narrowband FM Coilless Detector IF Subsystem
logo
Sanyo Semicon Device
LA8615M SANYO-LA8615M Datasheet
305Kb / 11P
   Narrowband FM IF Amplifiers for Pager Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com