Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML3371 Datasheet(PDF) 8 Page - LANSDALE Semiconductor Inc.

No. de pieza ML3371
Descripción Electrónicos  Low Power Narrowband FM IF
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LANSDALE [LANSDALE Semiconductor Inc.]
Página de inicio  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML3371 Datasheet(HTML) 8 Page - LANSDALE Semiconductor Inc.

Back Button ML3371_08 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML3371_08 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML3371_08 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML3371_08 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML3371_08 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML3371_08 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML3371_08 Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML3371_08 Datasheet HTML 11Page - LANSDALE Semiconductor Inc. ML3371_08 Datasheet HTML 12Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
www.lansdale.com
Page 8 of 19
Issue A
LANSDALE Semiconductor, Inc.
ML3371, ML3372
ML3371 PIN FUNCTION DESCRIPTION (continued)
OPERATING CONDITIONS VCC = 4.0 Vdc, RFIn = 100 µV, fmod = 1.0 kHz, fdev = 3.0 kHz. ML3371 at fRF = 10.7 MHz (see Figure 11).
Pin
Waveform
Description
Internal Equivalent
Circuit
Symbol
13
RSSI
RSSIOut
1.8 k
Bias
13
VCC
RSSI Output. Referred to as the
Received Signal Strength Indicator or
RSSI. The chip sources up to 60 µA
over the linear 60 dB range. This pin
may be used many ways, such as:
AGC, meter drive and carrier triggered
squelch circuit.
14
MUTE
40 k
Mute or
SqOut
14
Mute Output. See discussion in
application text.
15
Gnd
Gnd 15
Ground. The ground area should be
continuous and unbroken. In a two–
sided layout, the component side has
the ground plane. In a one–sided
layout, the ground plane fills around
the traces on the circuit side of the
board and is not interrupted.
16
MIXIn
MixerIn
VCC
16
3.3 k
10 k
Mixer Input –
Series Input Impedance:
@ 10 MHz: 309 – j33 Ω
@ 45 MHz: 200 – j13 Ω
*Other pins are the same as pins in MC3371.


Número de pieza similar - ML3371_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LANSDALE Semiconductor ...
ML3371-5P LANSDALE-ML3371-5P Datasheet
1Mb / 19P
   Low Power Narrowband FM IF
ML3371EP LANSDALE-ML3371EP Datasheet
1Mb / 19P
   Low Power Narrowband FM IF
More results

Descripción similar - ML3371_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ceramate Technical
CM5018 CERAMATE-CM5018 Datasheet
917Kb / 6P
   Low Power Narrowband FM IF
logo
Motorola, Inc
MC3361 MOTOROLA-MC3361 Datasheet
156Kb / 6P
   LOW POWER NARROWBAND FM IF
MC3361B MOTOROLA-MC3361B Datasheet
209Kb / 8P
   Low Power Narrowband FM IF
logo
LANSDALE Semiconductor ...
ML3371 LANSDALE-ML3371 Datasheet
1Mb / 19P
   Low Power Narrowband FM IF
logo
Sanyo Semicon Device
LA8604M SANYO-LA8604M Datasheet
136Kb / 8P
   Narrowband FM IF Stage
LA8608V SANYO-LA8608V Datasheet
310Kb / 14P
   1.8 V Low-Voltage Narrowband FM-IF System
logo
Motorola, Inc
MC3335 MOTOROLA-MC3335 Datasheet
118Kb / 6P
   Low Power Narrowband FM Receiver
logo
LANSDALE Semiconductor ...
ML13150 LANSDALE-ML13150 Datasheet
1Mb / 20P
   Narrowband FM Coilless Detector IF Subsystem
logo
Motorola, Inc
MC13150 MOTOROLA-MC13150 Datasheet
517Kb / 20P
   Narrowband FM Coilless Detector IF Subsystem
logo
Sanyo Semicon Device
LA8615M SANYO-LA8615M Datasheet
305Kb / 11P
   Narrowband FM IF Amplifiers for Pager Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com