Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MC33063ADR2G Datasheet(PDF) 2 Page - ON Semiconductor |
|
MC33063ADR2G Datasheet(HTML) 2 Page - ON Semiconductor |
2 / 15 page MC34063A, MC33063A, SC34063A, SC33063A, NCV33063A www.onsemi.com 2 1 Switch Collector Switch Emitter Timing Capacitor GND Driver Collector Ipk Sense VCC Comparator Inverting Input (Top View) 2 3 45 6 7 8 Figure 2. Pin Connections (Top View) EP Flag Switch Collector Switch Emitter Timing Capacitor GND Ipk Sense Driver Collector Comparator Inverting Input VCC MAXIMUM RATINGS Rating Symbol Value Unit Power Supply Voltage VCC 40 Vdc Comparator Input Voltage Range VIR − 0.3 to + 40 Vdc Switch Collector Voltage VC(switch) 40 Vdc Switch Emitter Voltage (VPin 1 = 40 V) VE(switch) 40 Vdc Switch Collector to Emitter Voltage VCE(switch) 40 Vdc Driver Collector Voltage VC(driver) 40 Vdc Driver Collector Current (Note 1) IC(driver) 100 mA Switch Current ISW 1.5 A Power Dissipation and Thermal Characteristics Plastic Package, P, P1 Suffix TA = 25°C PD 1.25 W Thermal Resistance RqJA 115 °C/W SOIC Package, D Suffix TA = 25°C PD 625 mW Thermal Resistance RqJA 160 °C/W Thermal Resistance RqJC 45 °C/W DFN Package TA = 25°C PD 1.25 mW Thermal Resistance RqJA 80 °C/W Operating Junction Temperature TJ +150 °C Operating Ambient Temperature Range TA °C MC34063A, SC34063A 0 to +70 MC33063AV, NCV33063A −40 to +125 MC33063A, SC33063A − 40 to + 85 Storage Temperature Range Tstg − 65 to +150 °C Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed, damage may occur and reliability may be affected. 1. Maximum package power dissipation limits must be observed. 2. This device series contains ESD protection and exceeds the following tests: Human Body Model 4000 V per MIL−STD−883, Method 3015. Machine Model Method 400 V. 3. NCV prefix is for automotive and other applications requiring site and change control. |
Número de pieza similar - MC33063ADR2G |
|
Descripción similar - MC33063ADR2G |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |