Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC35274 Datasheet(PDF) 5 Page - Toshiba Semiconductor

No. de pieza TC35274
Descripción Electrónicos  TOSHIBA MPEG-4 Video Decoder LSI
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35274 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC35274 Datasheet HTML 1Page - Toshiba Semiconductor TC35274 Datasheet HTML 2Page - Toshiba Semiconductor TC35274 Datasheet HTML 3Page - Toshiba Semiconductor TC35274 Datasheet HTML 4Page - Toshiba Semiconductor TC35274 Datasheet HTML 5Page - Toshiba Semiconductor TC35274 Datasheet HTML 6Page - Toshiba Semiconductor TC35274 Datasheet HTML 7Page - Toshiba Semiconductor TC35274 Datasheet HTML 8Page - Toshiba Semiconductor TC35274 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MPEG-4 Video Decoder LSI
Preliminary
TC35274
TOSHIBA Confidential
2000-4-27
5/13
Version 0.90
Table 1. System Control Signals
Signal Name
In/Out
Bit Width
Description
/RESET
In
1
System Reset Input (Low Active). When the LSI is reset, this terminal has
to be low for more than 16 clock cycles. When power on, the LSI has to be
reset after PLL locked. It takes approximately 100us until the PLL locked.
STANDBY
In
1
System Standby Input (High Active).
Stop clock distribution to the LSI. After standby, system reset is required.
“0” : Active.
“1” : Standby.
Table 2. PLL Control Signals
Signal Name
In/Out
Bit Width
Description
PLLFN
In
1
Reference Clock Input.
It has to be 13.00MHz to 20MHz with +/- 10% duty.
PLLDIV[2:0]
In
3
System clock frequency select. System Clock = PLLFN * N.
“00” : N=1.0.
“01” : N=1.5.
“10” : N=2.0
“11” : N=2.5.
PLLAVD
In
1
Analog PLL Power(VDD).
PLLAVS
In
1
Analog PLL Ground(VSS).
Table 3. Host Interface
Signal Name
In/Out
Bit Width
Description
/HCS
In
1
Chip enable input ( low active).
“0” : Chip select.
“1” : Non operation.
/HWR
In
1
Write strobe (low active).
“0” : Write operation.
“1” : Non operation.
/HRD
In
1
Read Strobe (low active).
“0” : Read operation.
“1” : Non operation.
HADDR[6:0]
In
7
Address signal.
HDAT[15:0]
In/Out
16
Data signal.
HWAIT
Out
1
Bus wait signal (low active).
“0” : Wait.
“1” : Non wait.
HINT
Out
1
Interrupt signal (high active).
“0” : Non operation.
“1” : Interrupt Operation.
Table 4 Video Display Interface
Signal Name
In/Out
Bit Width
Description
DISPCLK
In
1
Clock signal from display.
/DISPHSYNC
In
1
HSYNC signal from display.
/DISPVSYNC
In
1
VSYNC signal form display.
/DISPBLK
Out
1
Blanking signal to display.
DISPPIXEL
Out
8
Luminance (Y) and chrominance (Cb,Cr) signal output.


Número de pieza similar - TC35274

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC35273 TOSHIBA-TC35273 Datasheet
237Kb / 23P
   MPEG-4 Audiovisual LSI
More results

Descripción similar - TC35274

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC8230 SANYO-LC8230 Datasheet
138Kb / 7P
   MPEG Audio Decoder LSI
logo
Sony Corporation
CXD1930Q SONY-CXD1930Q Datasheet
42Kb / 4P
   MPEG Video Decoder
logo
STMicroelectronics
STI3520ACV STMICROELECTRONICS-STI3520ACV Datasheet
1Mb / 15P
   MPEG AUDIO / MPEG 2 VIDEO INTEGRATED DECODER
logo
Synaptics Incorporated.
CX2418X CONEXANT-CX2418X Datasheet
636Kb / 2P
   MPEG-4 AVC/H.264 Video Decoder
logo
Cirrus Logic
CS92210 CIRRUS-CS92210 Datasheet
50Kb / 2P
   MPEG-2 VIDEO Encoder/Decoder
logo
Toshiba Semiconductor
TC35273 TOSHIBA-TC35273 Datasheet
237Kb / 23P
   MPEG-4 Audiovisual LSI
logo
STMicroelectronics
STI3500A STMICROELECTRONICS-STI3500A Datasheet
7Mb / 72P
   MPEG-2/CCIR 601 VIDEO DECODER
logo
Panasonic Semiconductor
MN673794 PANASONIC-MN673794 Datasheet
670Kb / 42P
   LSI FOR MPEG
logo
Synaptics Incorporated.
CX24501 CONEXANT-CX24501 Datasheet
304Kb / 4P
   HDTV MPEG-2/H.264/VC-1 Video Decoder
logo
List of Unclassifed Man...
CTR-1475 ETC2-CTR-1475 Datasheet
189Kb / 3P
   MPEG-4 Video Compressor with 4 Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com