Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2576HVR-X.X Datasheet(PDF) 3 Page - HTC Korea TAEJIN Technology Co.

No. de pieza LM2576HVR-X.X
Descripción Electrónicos  3A, 52kHz, Step-down Switching Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HTC [HTC Korea TAEJIN Technology Co.]
Página de inicio  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM2576HVR-X.X Datasheet(HTML) 3 Page - HTC Korea TAEJIN Technology Co.

  LM2576HVR-X.X Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM2576HVR-X.X Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM2576HVR-X.X Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM2576HVR-X.X Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM2576HVR-X.X Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM2576HVR-X.X Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM2576HVR-X.X Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3A, 52kHz, Step-down Switching Regulator
LM2576HV
Feb. 2014 – R1.0
- 3 -
HTC
PIN CONFIGURATION
SOP-8PP
TO-263
TO-220
PIN DESCRIPTION
Pin No.
TO-263 / TO-220 5 LEAD
SOP-8PP 8 LEAD
Name
Function
Name
Function
1
VIN
Input Supply
VIN
Input Supply
2
VOUT
Output Voltage
VOUT
Output Voltage
3
GND
Ground
FB / ADJ
Output Voltage
Feedback
or Output Adjust
4
FB / ADJ
Output Voltage
Feedback
or Output Adjust
ON/OFF
ON/OFF Shutdown
5/ 6/ 7/ 8
ON/OFF
ON/OFF Shutdown
GND
Ground
* Exposed Pad of SOP8-PP package should be externally connected to GND.
TYPICAL APPLICATION
- Fixed Output Voltage Version
L1
100uH
COUT
1000uF
D1
Regulated Output
5V
CIN
100uF
Input Voltage
VIN
OUTPUT
Feed
back
ON/OFF
GND
LM2576HV
+
+
VIN 1.
VOUT 2.
FB/ADJ 3.
On/Off 4.
8. GND
7. GND
6. GND
5. GND
5. ON/OFF
4. FB/ADJ
3. GND
2. VOUT
1. VIN
5. ON/OFF
4. FB/ADJ
3. GND
2. VOUT
1. VIN


Número de pieza similar - LM2576HVR-X.X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2576HV NSC-LM2576HV Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2576HV TI1-LM2576HV Datasheet
3Mb / 37P
[Old version datasheet]   LM2576/LM2576HV Series SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM2576HV TI1-LM2576HV Datasheet
3Mb / 37P
[Old version datasheet]   LM2576/LM2576HV Series SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
logo
ARTSCHIP ELECTRONICS CO...
LM2576HV ARTSCHIP-LM2576HV Datasheet
1Mb / 23P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
Shenzhen Huazhimei Semi...
LM2576HV HMSEMI-LM2576HV Datasheet
2Mb / 13P
   Simple high-efficiency step-down (buck) regulator
More results

Descripción similar - LM2576HVR-X.X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HTC Korea TAEJIN Techno...
LM2576 HTC-LM2576_11 Datasheet
413Kb / 11P
   3A, 52kHz, Step-Down Switching Regulator
logo
TECH PUBLIC Electronics...
LM2576HVS-ADJ TECHPUBLIC-LM2576HVS-ADJ Datasheet
1Mb / 6P
   3A | 52kHz Step-Down Switching Regulator
LM2576HVS-5.0 TECHPUBLIC-LM2576HVS-5.0 Datasheet
1Mb / 6P
   3A | 52kHz Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM2576 HTC-LM2576 Datasheet
928Kb / 14P
   3.0A, 52kHz, Step-Down Switching Regulator
LM2575 HTC-LM2575 Datasheet
632Kb / 13P
   1A, 52kHz, Step-Down Switching Regulator
logo
Weitron Technology
WT2576M WEITRON-WT2576M Datasheet
962Kb / 11P
   3A Step-down Voltage Regulator Power Converter 52kHz
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576_08 Datasheet
398Kb / 8P
   3A / 52KHz Buck Switching Regulator
TS2576 TSC-TS2576_07 Datasheet
395Kb / 8P
   3A / 52KHz Buck Switching Regulator
logo
TECH PUBLIC Electronics...
LM2576 TECHPUBLIC-LM2576_V01 Datasheet
2Mb / 6P
   3A / 52kHz Step-Down DC-DC Converter
LM2576 TECHPUBLIC-LM2576 Datasheet
2Mb / 6P
   3A / 52kHz Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com