Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2576HVT-ADJ Datasheet(PDF) 4 Page - HTC Korea TAEJIN Technology Co.

No. de pieza LM2576HVT-ADJ
Descripción Electrónicos  3A, 52kHz, Step-down Switching Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HTC [HTC Korea TAEJIN Technology Co.]
Página de inicio  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM2576HVT-ADJ Datasheet(HTML) 4 Page - HTC Korea TAEJIN Technology Co.

  LM2576HVT-ADJ Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM2576HVT-ADJ Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM2576HVT-ADJ Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM2576HVT-ADJ Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM2576HVT-ADJ Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM2576HVT-ADJ Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM2576HVT-ADJ Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
3A, 52kHz, Step-down Switching Regulator
LM2576HV
Feb. 2014 – R1.0
- 4 -
HTC
ELECTRICAL CHARACTERISTICS
Specifications with standard type face are for TJ = 25℃ and those with boldface type apply over full operating temperature
range. Unless otherwise specified, VIN =12V for the 3.3V, 5V, and Adjustable version, VIN =25V for the 12V version, and
VIN =30V for the 15V version, ILOAD =500mA.
PARAMETER
SYMBOL
TEST CONDITION
(Note 2)
MIN.
TYP.
MAX.
UNIT
SYSTEM PARAMETERS
(Note 3)
Feedback Voltage
VFB
LM2576HV-ADJ
VIN =12V, ILOAD =0.5A
1.217
1.230
1.243
V
0.5A ≤ ILOAD ≤ 3A ,
8V ≤ VIN ≤ 55V
1.193
1.180
1.230
1.273
1.286
V
Output Voltage
VO
LM2576HV-3.3
VIN =12V, ILOAD =0.5A
3.234
3.300
3.366
V
0.5A ≤ ILOAD ≤ 3A ,
6V ≤ VIN ≤ 55V
3.168
3.135
3.300
3.450
3.482
V
LM2576HV-5.0
VIN =12V, ILOAD =0.5A
4.900
5.000
5.100
V
0.5A ≤ ILOAD ≤ 3A ,
8V ≤ VIN ≤ 55V
4.800
4.750
5.000
5.225
5.275
V
LM2576HV-12
VIN =25V, ILOAD =0.5A
11.76
12.00
12.24
V
0.5A ≤ ILOAD ≤ 3A ,
15V ≤ VIN ≤ 55V
11.52
11.40
12.00
12.54
12.66
V
LM2576HV-15
VIN =25V, ILOAD =0.5A
14.70
15.00
15.30
V
0.5A ≤ ILOAD ≤ 3A ,
18V ≤ VIN ≤ 55V
14.40
14.25
15.00
15.68
15.83
V
Efficiency
LM2576HV-ADJ
VIN =12V, ILOAD =3A,
Vo = 5V
77
%
LM2576HV-3.3
VIN =12V, ILOAD =3A
75
%
LM2576HV-5.0
VIN =12V, ILOAD =3A
77
%
LM2576HV-12
VIN =15V, ILOAD =3A
88
%
LM2576HV-15
VIN =18V, ILOAD =3A
88
%
DEVICE PARAMETERS
Feedback Bias
Current
Ib
VO = 5V (Adjustable Version Only)
50
100
500
nA
Oscillator Frequency
fO
(Note 8)
47
42
52
58
63
kHZ
Saturation Voltage
VSAT
IO = 3A (Note 4)
1.4
1.55
1.70
V
Max Duty Cycle(ON)
DC
(Note 5)
93
98
%
Current Limit
ICL
(Note 4, 8)
4.2
3.5
5.8
6.9
7.5
A


Número de pieza similar - LM2576HVT-ADJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2576HVT-ADJ NSC-LM2576HVT-ADJ Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2576HVT-ADJ TI1-LM2576HVT-ADJ Datasheet
3Mb / 37P
[Old version datasheet]   LM2576/LM2576HV Series SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM2576HVT-ADJ TI1-LM2576HVT-ADJ Datasheet
3Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM2576HVT-ADJ TGS-LM2576HVT-ADJ Datasheet
4Mb / 8P
   regulators are monolithic integrated circuits that provide all the active functions for a step-down switching
logo
ARTSCHIP ELECTRONICS CO...
LM2576HVT-ADJ ARTSCHIP-LM2576HVT-ADJ Datasheet
1Mb / 23P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
More results

Descripción similar - LM2576HVT-ADJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HTC Korea TAEJIN Techno...
LM2576 HTC-LM2576_11 Datasheet
413Kb / 11P
   3A, 52kHz, Step-Down Switching Regulator
logo
TECH PUBLIC Electronics...
LM2576HVS-ADJ TECHPUBLIC-LM2576HVS-ADJ Datasheet
1Mb / 6P
   3A | 52kHz Step-Down Switching Regulator
LM2576HVS-5.0 TECHPUBLIC-LM2576HVS-5.0 Datasheet
1Mb / 6P
   3A | 52kHz Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM2576 HTC-LM2576 Datasheet
928Kb / 14P
   3.0A, 52kHz, Step-Down Switching Regulator
LM2575 HTC-LM2575 Datasheet
632Kb / 13P
   1A, 52kHz, Step-Down Switching Regulator
logo
Weitron Technology
WT2576M WEITRON-WT2576M Datasheet
962Kb / 11P
   3A Step-down Voltage Regulator Power Converter 52kHz
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576_08 Datasheet
398Kb / 8P
   3A / 52KHz Buck Switching Regulator
TS2576 TSC-TS2576_07 Datasheet
395Kb / 8P
   3A / 52KHz Buck Switching Regulator
logo
TECH PUBLIC Electronics...
LM2576 TECHPUBLIC-LM2576_V01 Datasheet
2Mb / 6P
   3A / 52kHz Step-Down DC-DC Converter
LM2576 TECHPUBLIC-LM2576 Datasheet
2Mb / 6P
   3A / 52kHz Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com